Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 129Page - STMicroelectronics ST25DV04KC Datasheet HTML 130Page - STMicroelectronics ST25DV04KC Datasheet HTML 131Page - STMicroelectronics ST25DV04KC Datasheet HTML 132Page - STMicroelectronics ST25DV04KC Datasheet HTML 133Page - STMicroelectronics ST25DV04KC Datasheet HTML 134Page - STMicroelectronics ST25DV04KC Datasheet HTML 135Page - STMicroelectronics ST25DV04KC Datasheet HTML 136Page - STMicroelectronics ST25DV04KC Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 203 page
background image
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
0Fh: error with no information given
–
03h: the option is not supported
–
10h: block address not available
–
15h: block read-protected
Figure 74. Fast Read Multiple Block frame exchange between VCD and ST25DVxxKC
SOF
Fast Read
Multiple block
request
VCD
ST25DVxxKC
EOF
SOF
Fast Read
Multiple block
response
EOF
t1
7.6.40
Fast Extended Read Multiple Block
On receiving the Fast Extended Read Multiple Block command, the ST25DVxxKC reads the selected blocks and
sends back their value in multiples of 32 bits in the response. The blocks are numbered from 00h to up to the
last block of memory in the request and the value is minus one (–1) in the field. For example, if the “Number of
blocks” field contains the value 06h, seven blocks are read. The maximum number of blocks is fixed to 2047. Fast
Extended Read Multiple Blocks command can cross areas borders, and returns all blocks until reaching a non
readable block (block read protected or out of memory).
When the Option_flag is set, the response includes the Block Security Status. The data rate of the response is
multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxKC answers with an error code.
The Inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 228. Fast Extended Read Multiple Block request format
Request
SOF
Request_flags
Fast Extended
Read Multiple
Block
IC Mfg
code
UID (1)
First block
number
Block
Number
CRC16
Request
EOF
-
8 bits
C5h
02h
64 bits 16 bits
16 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (Optional)
•
First block number (from LSB byte to MSB byte)
•
Number of blocks (from LSB byte to MSB byte)
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 133/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com