Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 107Page - STMicroelectronics ST25DV04K Datasheet HTML 108Page - STMicroelectronics ST25DV04K Datasheet HTML 109Page - STMicroelectronics ST25DV04K Datasheet HTML 110Page - STMicroelectronics ST25DV04K Datasheet HTML 111Page - STMicroelectronics ST25DV04K Datasheet HTML 112Page - STMicroelectronics ST25DV04K Datasheet HTML 113Page - STMicroelectronics ST25DV04K Datasheet HTML 114Page - STMicroelectronics ST25DV04K Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 200 page
background image
7.6.24
Get Multiple Block Security Status
When receiving the Get Multiple Block Security Status command, the ST25DVxxx sends back its security status
for each address block: 0 when block is writable else 1 when block is locked for writing. The blocks security
status are defined by the area security status (and by LCK_CCFILE register for blocks 0 and 1). The blocks are
numbered from 00h up to the maximum memory block number in the request, and the value is minus one (–1)
in the field. For example, a value of “06” in the “Number of blocks” field requests will return the security status of
seven blocks. This command does not respond an error if number of blocks overlap areas or overlap the end of
the user memory.
The number of blocks is coded on 1 Byte and only first 256 blocks of ST25DV16K-xx and ST25DV64K-xx can be
addressed using this command.
The Option_flag is not supported. The Inventory_flag must be set to 0.
Table 173. Get Multiple Block Security Status request format
Request SOF Request_flags
Get Multiple Block
Security Status
UID (1)
First block
number
Number of
blocks
CRC16 Request EOF
-
8 bits
2Ch
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
First block number
•
Number of blocks
Table 174. Get Multiple Block Security Status response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status
CRC16
Response EOF
-
8 bits
8 bits (1)
16 bits
-
1. Repeated as needed.
Response parameters:
•
Block security status
Table 175. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use
All at 0
0: Current block not locked
1: Current block locked
Table 176. Get Multiple Block Security Status response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 111/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com