Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 108Page - STMicroelectronics ST25DV04K Datasheet HTML 109Page - STMicroelectronics ST25DV04K Datasheet HTML 110Page - STMicroelectronics ST25DV04K Datasheet HTML 111Page - STMicroelectronics ST25DV04K Datasheet HTML 112Page - STMicroelectronics ST25DV04K Datasheet HTML 113Page - STMicroelectronics ST25DV04K Datasheet HTML 114Page - STMicroelectronics ST25DV04K Datasheet HTML 115Page - STMicroelectronics ST25DV04K Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 200 page
background image
Figure 53. Get Multiple Block Security Status frame exchange between VCD and ST25DVxxx
SOF
Get Multiple Block
Security request
status
VCD
ST25DVxxx
EOF
SOF
Get Multiple Block
Security response
status
EOF
t1
7.6.25
Extended Get Multiple Block Security Status
When receiving the Extended Get Multiple Block Security Status command, the ST25DVxxx sends back the
security status for each address block: 0 when the block is writable else 1 when block is locked for writing. The
block security statuses are defined by the area security status. The blocks are numbered from 00h up to the
maximum memory block number in the request, and the value is minus one (–1) in the field. For example, a value
of '06' in the “Number of blocks” field requests to return the security status of seven blocks.
This command does not respond an error if number of blocks overlap areas or overlap the end of the user
memory.
The number of blocks is coded on 2 Bytes so all memory blocks of ST25DV16K-xx and ST25DV64K-xx can be
addressed using this command.
The Option_flag is not supported. The Inventory_flag must be set to 0.
Table 177. Extended Get Multiple Block Security Status request format
Request
SOF
Request_flags
Extended
Get Multiple
Block
Security
Status
UID (1)
First block
number
Number of
blocks
CRC16
Request
EOF
-
8 bits
3Ch
64 bits
16 bits
16 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
First block number (from LSB byte to MSB byte)
•
Number of blocks (from LSB byte to MSB byte)
Table 178. Extended Get Multiple Block Security Status response format when Error_flags NOT set
Response SOF
Response_flags
Block security status
CRC16
Response EOF
-
8 bits
8 bits (1)
16 bits
-
1. Repeated as needed.
Response parameters:
•
Block security status
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 112/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com