Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 127Page - STMicroelectronics ST25DV04K Datasheet HTML 128Page - STMicroelectronics ST25DV04K Datasheet HTML 129Page - STMicroelectronics ST25DV04K Datasheet HTML 130Page - STMicroelectronics ST25DV04K Datasheet HTML 131Page - STMicroelectronics ST25DV04K Datasheet HTML 132Page - STMicroelectronics ST25DV04K Datasheet HTML 133Page - STMicroelectronics ST25DV04K Datasheet HTML 134Page - STMicroelectronics ST25DV04K Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 200 page
background image
7.6.40
Fast Extended Read Multiple Block
On receiving the Fast Extended Read Multiple Block command, the ST25DVxxx reads the selected blocks and
sends back their value in multiples of 32 bits in the response. The blocks are numbered from 00h to up to the last
block of memory in the request and the value is minus one (–1) in the field. For example, if the “Number of blocks”
field contains the value 06h, seven blocks are read. The maximum number of blocks is fixed to 2047 assuming
that they are all located in the same area. If the number of blocks overlaps several areas or overlaps the end of
user memory, the ST25DVxxx returns an error code.
When the Option_flag is set, the response includes the Block Security Status. The data rate of the response is
multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error code.
The Inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16K-xx and
ST25DV64K-xx can be addressed using this command.
Table 225. Fast Extended Read Multiple Block request format
Request
SOF
Request_flags
Fast Extended
Read Multiple
Block
IC Mfg
code
UID (1)
First block
number
Block
Number
CRC16
Request
EOF
-
8 bits
C5h
02h
64 bits 16 bits
16 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (Optional)
•
First block number (from LSB byte to MSB byte)
•
Number of blocks (from LSB byte to MSB byte)
Table 226. Fast Extended Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits (2)
32 bits(2)
16 bits
-
1. This field is optional.
2. Repeated as needed.
Response parameters:
•
Block security status if Option_flag is set (see Table 223. Block security status if Option_flag is set)
•
N block of data
Table 227. Block security status if Option_flag is set
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future
use All at 0
0: Current not locked
1: Current locked
Table 228. Fast Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 131/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com