Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 130Page - STMicroelectronics ST25DV04K Datasheet HTML 131Page - STMicroelectronics ST25DV04K Datasheet HTML 132Page - STMicroelectronics ST25DV04K Datasheet HTML 133Page - STMicroelectronics ST25DV04K Datasheet HTML 134Page - STMicroelectronics ST25DV04K Datasheet HTML 135Page - STMicroelectronics ST25DV04K Datasheet HTML 136Page - STMicroelectronics ST25DV04K Datasheet HTML 137Page - STMicroelectronics ST25DV04K Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 200 page
background image
Table 233. Fast Read Message Length response format when Error_flag is NOT set
Response SOF
Response_flags
Data
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameters:
•
One byte of data: volatile Control register.
Table 234. Fast Read Message Length response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command option not recognized
–
03h: command not supported
–
0Fh: error with no information given
Figure 71. Fast Read Message Length frame exchange between VCD and ST25DVxxx
SOF
Fast Read
Message Length
request
VCD
ST25DVxxx
EOF
SOF
Fast Read
Message Length
response
EOF
t1
7.6.43
Fast Read Dynamic configuration
On receiving the Fast Read Dynamic configuration command, the ST25DVxxx reads the Dynamic register
address by the pointer and sends back its 8-bit value in the response.
The Option_flag is not supported. The Inventory_flag must be set to 0.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error code.
The data rate of the response is multiplied by 2 compared to Read Dynamic configuration command.
Table 235. Fast Read Dynamic configuration request format
Request SOF Request_flags
Fast Read Dynamic
configuration
IC Mfg code UID (1) Pointer address CRC16 Request EOF
-
8 bits
CDh
02h
64 bits 8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (optional)
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 134/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com