Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 139Page - STMicroelectronics ST25DV04K Datasheet HTML 140Page - STMicroelectronics ST25DV04K Datasheet HTML 141Page - STMicroelectronics ST25DV04K Datasheet HTML 142Page - STMicroelectronics ST25DV04K Datasheet HTML 143Page - STMicroelectronics ST25DV04K Datasheet HTML 144Page - STMicroelectronics ST25DV04K Datasheet HTML 145Page - STMicroelectronics ST25DV04K Datasheet HTML 146Page - STMicroelectronics ST25DV04K Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 200 page
background image
Test conditions specified in Table 243. I2C operating conditions
Symbol
Alt.
Parameter
Min.
Max.
Unit
tCLQV (6)
tAA
Clock low to next data valid (access time)
-
450
ns
tCHDX (7)
tSU:STA
Start condition set up time
250
-
ns
tDLCL
tHD:STA
Start condition hold time
0.25
35000 (8)
µs
tCHDH
tSU:STO
Stop condition set up time
250
-
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
500
-
ns
tW
-
I²C write time (9)
-
5
ms
tbootDC
-
RF OFF and LPD = 0
-
0.6
ms
tbootLPD
-
RF OFF
-
0.6
ms
1. tCHCL timeout.
2. tCLCH timeout.
3. There is no min. or max. values for the input signal rise and fall times. It is however recommended by the
I2C specification that the input signal rise and fall times be less than 120 ns when fC < 1 MHz.
4. Characterized on bench.
5. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
6. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach 0.8VCC in a
compatible way with the I2C specification (which specifies tSU:DAT (min) = 100 ns), assuming that the Rbus ×
Cbus time constant is less than 150 ns (as specified in the Figure 76. I2C Fast mode (fC = 1 MHz): maximum
Rbus value versus bus parasitic capacitance (Cbus)).
7. For a reStart condition, or following a write cycle.
8. tDLCL timeout.
9. I2C write time for 1 Byte, 2 Bytes, 3 Bytes or 4 Bytes in EEPROM (user memory and system configuration),
provided they are all located in the same memory page, that is the most significant memory address bits
(b16-b2) are the same.
Table 249. I2C AC characteristics up to 125°C
Test conditions specified in Table 243. I2C operating conditions
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
0.05
1000
kHz
tCHCL
tHIGH
Clock pulse width high
0.26
25000 (1)
µs
tCLCH
tLOW
Clock pulse width low
0.5
25000 (2)
µs
tSTART_OUT
-
I²C timeout on Start condition
35
-
ms
tXH1XH2
tR
Input signal rise time
(3)
(3)
ns
tXL1XL2
tF
Input signal fall time
(3)
(3)
ns
tDL1DL2 (4)
tF
SDA (out) fall time
20
120
ns
tDXCX
tSU:DAT
Data in set up time
0
-
ns
tCLDX
tHD:DAT
Data in hold time
0
-
ns
tCLQX (5)
tDH
Data out hold time
100
-
ns
tCLQV (6)
tAA
Clock low to next data valid (access time)
-
450
ns
tCHDX (7)
tSU:STA
Start condition set up time
250
-
ns
ST25DV04K ST25DV16K ST25DV64K
I2C DC and AC parameters
DS10925 - Rev 9
page 143/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com