Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 143Page - STMicroelectronics ST25DV04K Datasheet HTML 144Page - STMicroelectronics ST25DV04K Datasheet HTML 145Page - STMicroelectronics ST25DV04K Datasheet HTML 146Page - STMicroelectronics ST25DV04K Datasheet HTML 147Page - STMicroelectronics ST25DV04K Datasheet HTML 148Page - STMicroelectronics ST25DV04K Datasheet HTML 149Page - STMicroelectronics ST25DV04K Datasheet HTML 150Page - STMicroelectronics ST25DV04K Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 200 page
background image
9.4
RF electrical parameters
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device in RF mode.
The parameters in the DC and AC characteristics tables that follow are derived from tests performed under the
Measurement Conditions summarized in the relevant tables. Designers should check that the operating conditions
in their circuit match the measurement conditions when relying on the quoted parameters.
Table 253. RF characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fCC
External RF signal frequency
-
13.553
13.56
13.567
MHz
H_ISO
Operating field according to ISO
Range 6
TA = -40 °C to 85 °C
150
-
5000
mA/m
Range 8
TA = -40 °C to 105 °C
MICARRIER
10% carrier modulation index (1)
MI=(A-B)/(A+B)
150 mA/m > H_ISO > 1000 mA/m
10
-
30
%
100% carrier modulation index
MI=(A-B)/(A+B) (2)
95
-
100
tMIN CD
Minimum time from carrier generation to
first data
From H-field min
-
-
1
ms
fSH
Subcarrier frequency high
FCC/32
-
423.75
-
kHz
fSL
Subcarrier frequency low
FCC/28
-
484.28
-
kHz
t1
Time for ST25DVxxx response
4352/FC
318.6
320.9
323.3
µs
t2
Time between commands
4192/FC
309
311.5
314
µs
t3
Time between commands
4384/FC
323.3
-
-
µs
Wt_Block
RF User memory write time (including
internal Verify) (3)
1 Block
-
5.2
-
ms
4 Blocks
-
19.7
-
ms
Wt_Byte
RF system memory write time including
internal Verify)(3)
1 Byte
-
4.9
-
ms
Wt_MB
RF Mailbox write time (from VCD request
SOF to ST25DVxxx response EOF)(3)(4)
256 Byte
-
80.7
-
ms
Read_MB
RF Mailbox read time (from VCD request
SOF to ST25DVxxx response EOF) (3)(4)
256 Bytes
-
81
-
ms
CTUN
Internal tuning capacitor(4)
f = 13.56 MHz
26.5
28.5
30.5
pF
VBACK
Backscattered level as defined by ISO test
-
10
-
-
mV
VMIN_1 (1)
RF input voltage amplitude between AC0
and AC1, VSS pin left floating, VAC0-VAC1
peak to peak(1)
Inventory and Read operations
-
4.8
-
V
Write operations
-
5.25
-
V
VMIN_2 (1)
AC voltage between AC0 and VSS or
between AC1 and VSS (1)
Inventory and Read operations
-
2.25
-
V
Write operations
-
2.7
-
V
tBootRF
Without DC supply (No VCC)
Set up time
-
0.6
-
ms
tRF_OFF
RF OFF time
Chip reset
2
-
-
ms
1. Characterized on bench.
2. Characterized at room temperature only, on wafer at POR Level.
3. For VCD request coded in 1 out of 4 and ST25DVxxx response in high data rate, single sub carrier.
4. The tuning capacitance value is measured with ST characterization equipment at chip Power On Reset.
This value is used as reference for antenna design. Minimum and Maximum values come from correlation
with industrial tester limits.
ST25DV04K ST25DV16K ST25DV64K
RF electrical parameters
DS10925 - Rev 9
page 147/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com