Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 152Page - STMicroelectronics ST25DV04K Datasheet HTML 153Page - STMicroelectronics ST25DV04K Datasheet HTML 154Page - STMicroelectronics ST25DV04K Datasheet HTML 155Page - STMicroelectronics ST25DV04K Datasheet HTML 156Page - STMicroelectronics ST25DV04K Datasheet HTML 157Page - STMicroelectronics ST25DV04K Datasheet HTML 158Page - STMicroelectronics ST25DV04K Datasheet HTML 159Page - STMicroelectronics ST25DV04K Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 200 page
background image
11
Ordering information
Table 261. Ordering information scheme
Example:
ST25DV
64K
-JF
R
6
D
3
Device type
ST25DV = Dynamic NFC/RFID tag based
on ISO 15693 and NFC T5T
Memory size
04K = 4 Kbits
16K = 16 Kbits
64K = 64 Kbits
Device Features
IE = I2C & GPO open drain, fast transfer mode & Energy Harvesting
JF = I2C & GPO CMOS, fast transfer mode, energy harvesting & low
power mode
Operating voltage
R = VCC = 1.8 to 5.5 V
Device grade
6 = industrial: device tested with standard test flow over - 40 to 85 °C
8 = industrial device tested with standard test flow over -40 to 105 °C (UFDFPN8 and UFDFPN12
only) or over -40 to 125 °C (SO8N and TSSOP8 only, 105 °C only for RF interface)
Package
D = UFDFPN12
S = SO8N
T = TSSOP8
C = UFDFPN8 (Only for 04K version)
U = 725 µm +/- 20 µm unsawn wafer (Only for 04K version)
L = WLCSP (thin 10 balls) (Only for 04K version)
Capacitance
3 = 28.5 pF
Note:
Parts marked as “ES” or “E” are not yet qualified and therefore not approved for use in production. ST is
not responsible for any consequences resulting from such use. In no event will ST be liable for the customer
using any of these engineering samples in production. ST’s Quality department must be contacted prior to any
decision to use these engineering samples to run a qualification activity.
ST25DV04K ST25DV16K ST25DV64K
Ordering information
DS10925 - Rev 9
page 156/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com