Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 154Page - STMicroelectronics ST25DV04K Datasheet HTML 155Page - STMicroelectronics ST25DV04K Datasheet HTML 156Page - STMicroelectronics ST25DV04K Datasheet HTML 157Page - STMicroelectronics ST25DV04K Datasheet HTML 158Page - STMicroelectronics ST25DV04K Datasheet HTML 159Page - STMicroelectronics ST25DV04K Datasheet HTML 160Page - STMicroelectronics ST25DV04K Datasheet HTML 161Page - STMicroelectronics ST25DV04K Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 200 page
background image
Figure 89. Logic 1, low data rate, fast commands
75.52 µs
Note:
For fast commands, bit coding using two subcarriers is not supported.
A.2
ST25DVxxx to VCD frames
Frames are delimited by an SOF and an EOF. They are implemented using code violation. Unused options are
reserved for future use. For the low data rate, the same subcarrier frequency or frequencies is/are used. In this
case, the number of pulses is multiplied by 4. For the Fast commands using one subcarrier, all pulse numbers
and times are divided by 2.
A.3
SOF when using one subcarrier
A.3.1
High data rate
For the Fast commands, the SOF comprises an unmodulated time of 28.32 µs, followed by 12 pulses at 423.75
kHz (fC/32), and a logic 1 that consists of an unmodulated time of 9.44 µs followed by four pulses at 423.75 kHz,
as shown in Figure 90.
Figure 90. Start of frame, high data rate, one subcarrier, fast commands
56.64 µs
18.88 µs
A.3.2
Low data rate
For the Fast commands, the SOF comprises an unmodulated time of 113.28 µs, followed by 48 pulses at 423.75
kHz (fC/32), and a logic 1 that includes an unmodulated time of 37.76 µs followed by 16 pulses at 423.75 kHz, as
shown in Figure 91.
Figure 91. Start of frame, low data rate, one subcarrier, fast commands
226.56 µs
75.52 µs
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx to VCD frames
DS10925 - Rev 9
page 158/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com