Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACF Datasheet(PDF) 7 Page - Linear Technology

Part # LTACF
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTACF Datasheet HTML 3Page - Linear Technology LTACF Datasheet HTML 4Page - Linear Technology LTACF Datasheet HTML 5Page - Linear Technology LTACF Datasheet HTML 6Page - Linear Technology LTACF Datasheet HTML 7Page - Linear Technology LTACF Datasheet HTML 8Page - Linear Technology LTACF Datasheet HTML 9Page - Linear Technology LTACF Datasheet HTML 10Page - Linear Technology LTACF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4300A-1/LTC4300A-2
7
sn4300a12 4300a12fs
BLOCK DIAGRA
(LTC4300A-2)
100k
RCH1
100k
RCH3
–
+
–
+
0.5pF
UVLO
3
SCLIN
4300A-2 BD
CONNECT
CONNECT
STOP BIT AND BUS IDLE
4
4
GND
20pF
RD
S
QB
0.5
µA
0.55VCC/
0.45VCC
–
+
–
+
VCC2 – 1V
2mA
BACKPLANE-TO-CARD
CONNECTION
CONNECT
CONNECT
2 SCLOUT
6
SDAIN
8
VCC
BACKPLANE-TO-CARD
CONNECTION
CONNECT
CONNECT
7 SDAOUT
1 VCC2
5 ACC
1V
PRECHARGE
100k
RCH2
100k
RCH4
CONNECT
SLEW RATE
DETECTOR
2mA
SLEW RATE
DETECTOR
2mA
SLEW RATE
DETECTOR
ACC
ACC
2mA
SLEW RATE
DETECTOR
95
µs
DELAY,
RISING
ONLY
2-Wire Bus Buffer and Hot Swap Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com