Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACF Datasheet(PDF) 5 Page - Linear Technology

Part # LTACF
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACF Datasheet(HTML) 5 Page - Linear Technology

  LTACF Datasheet HTML 1Page - Linear Technology LTACF Datasheet HTML 2Page - Linear Technology LTACF Datasheet HTML 3Page - Linear Technology LTACF Datasheet HTML 4Page - Linear Technology LTACF Datasheet HTML 5Page - Linear Technology LTACF Datasheet HTML 6Page - Linear Technology LTACF Datasheet HTML 7Page - Linear Technology LTACF Datasheet HTML 8Page - Linear Technology LTACF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4300A-1/LTC4300A-2
5
sn4300a12 4300a12fs
ENABLE/VCC2 (Pin 1): Chip Enable Pin/Card Supply Volt-
age. For the LTC4300A-1, this is a digital CMOS threshold
input pin. Grounding this pin puts the part in a low current
(<1
µA) mode. It also disables the rise-time accelerators,
disables the bus precharge circuitry, drives READY low,
isolates SDAIN from SDAOUT and isolates SCLIN from
SCLOUT. Drive ENABLE all the way to VCC for normal
operation. Connect ENABLE to VCC if this feature is not
being used. For the LTC4300A-2, this is the supply voltage
for the devices on the card I2C busses. Connect pull-up
resistors from SDAOUT and SCLOUT to this pin. Place a
bypass capacitor of at least 0.01
µFclosetothispinforbest
results.
SCLOUT (Pin 2): Serial Clock Output. Connect this pin to
the SCL bus on the card.
SCLIN (Pin 3): Serial Clock Input. Connect this pin to the
SCL bus on the backplane.
GND (Pin 4): Ground. Connect this pin to a ground plane
for best results.
READY/ACC (Pin 5): Connection Flag/Rise-Time Accel-
erator Control. For the LTC4300A-1, this is an open-drain
NMOS output which pulls low when either ENABLE is low
or the start-up sequence described in the Operation sec-
tion has not been completed. READY goes high when
ENABLE is high and start-up is complete. Connect a 10k
resistor from this pin to VCC to provide the pull up. For the
LTC4300A-2, this is a CMOS threshold digital input pin
that enables and disables the rise-time accelerators on all
four SDA and SCL pins. Drive ACC all the way to the VCC2
supply voltage to enable all four accelerators; drive ACC to
ground to turn them off.
SDAIN (Pin 6): Serial Data Input. Connect this pin to the
SDA bus on the backplane.
SDAOUT (Pin 7): Serial Data Output. Connect this pin to
the SDA bus on the card.
VCC (Pin 8): Main Input Power Supply from Backplane.
This is the supply voltage for the devices on the backplane
I2C busses. Connect pull-up resistors from SDAIN and
SCLIN (and also from SDAOUT and SCLOUT for the
LTC4300A-1) to this pin. Place a bypass capacitor of at
least 0.01
µF close to this pin for best results.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com