Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACF Datasheet(PDF) 13 Page - Linear Technology

Part # LTACF
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTACF Datasheet HTML 8Page - Linear Technology LTACF Datasheet HTML 9Page - Linear Technology LTACF Datasheet HTML 10Page - Linear Technology LTACF Datasheet HTML 11Page - Linear Technology LTACF Datasheet HTML 12Page - Linear Technology LTACF Datasheet HTML 13Page - Linear Technology LTACF Datasheet HTML 14Page - Linear Technology LTACF Datasheet HTML 15Page - Linear Technology LTACF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4300A-1/LTC4300A-2
13
sn4300a12 4300a12fs
APPLICATIO S I FOR ATIO
Figure 6. Inserting Multiple I/O Cards into a Live Backplane Using the LTC4300A-2 with a Custom Connector
Figure 7. Repeater/Bus Extender Application
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ACC
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ACC
4300A-1/2 F06
R9
10k
R8
10k
I/O PERIPHERAL CARD 2
U2
LTC4300A-2
CARD2_SCL
CARD2_SDA
R5
10k
R4
10k
I/O PERIPHERAL CARD 1
U1
LTC4300A-2
C2 0.01
µF
C4 0.01
µF
CARD_SCL
CARD_SDA
R1
10k
R2
10k
VCC2
BACKPLANE
BACKPLANE
CONNECTOR
SDA
SCL
VCC
C1
0.01
µF
C3
0.01
µF
R10
10k
R6
10k
•
•
•
R1
10k
R3
5.1k
R5
10k
R2
5.1k
VCC = 5V
R4
10k
R7
10k
R8
10k
2-WIRE SYSTEM 1
ENABLE
SDAIN
SCLIN
LTC4300A-1
GND
VCC
C1
0.01
µF
SDAOUT
SCLOUT
READY
SCL1
TO OTHER
SYSTEM 1
DEVICES
SDA1
C2
0.01
µF
R6
10k
2-WIRE SYSTEM 2
LTC4300A-1
ENABLE
SDAIN
SCLIN
4300A-1/2 F07
SDAOUT
SCLOUT
READY
LONG
DISTANCE
BUS
VCC
SCL1
SDA1
TO OTHER
SYSTEM 2
DEVICES
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com