Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACF Datasheet(PDF) 3 Page - Linear Technology

Part # LTACF
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACF Datasheet(HTML) 3 Page - Linear Technology

  LTACF Datasheet HTML 1Page - Linear Technology LTACF Datasheet HTML 2Page - Linear Technology LTACF Datasheet HTML 3Page - Linear Technology LTACF Datasheet HTML 4Page - Linear Technology LTACF Datasheet HTML 5Page - Linear Technology LTACF Datasheet HTML 6Page - Linear Technology LTACF Datasheet HTML 7Page - Linear Technology LTACF Datasheet HTML 8Page - Linear Technology LTACF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4300A-1/LTC4300A-2
3
sn4300a12 4300a12fs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired
Note 2: IPULLUPAC varies with temperature and VCC voltage, as shown in
the Typical Performance Characteristics section.
Note 3: The connection circuitry always regulates its output to a higher
voltage than its input. The magnitude of this offset voltage as a function of
the pullup resistor and VCC voltage is shown in the Typical Performance
Characteristics section.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specfications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Rise-Time Accelerators
IPULLUPAC Transient Boosted Pull-Up Current
Positive Transition on SDA,SCL, VCC = 2.7V,
1
2
mA
Slew Rate = 1.25V/
µs (Note 2),
LTC4300A-2, ACC = 0.7 • VCC2, VCC2 = 2.7V
VACCDIS
Accelerator Disable Threshold
LTC4300A-2
0.3 • VCC2
0.5 • VCC2
V
VACCEN
Accelerator Enable Threshold
LTC4300A-2
0.5 • VCC2
0.7 • VCC2
V
IVACC
ACC Input Current
LTC4300A-2
±0.1
±1
µA
tPDOFF
ACC Delay, On/Off
LTC4300A-2
5
ns
Input-Output Connection
VOS
Input-Output Offset Voltage
10k to VCC on SDA, SCL, VCC = 3.3V (Note 3),
q
0
100
175
mV
LTC4300A-2, VCC2 = 3.3V, VIN = 0.2V
fSCL, SDA Operating Frequency
Guaranteed by Design, Not Subject to Test
0
400
kHz
CIN
Digital Input Capacitance
Guaranteed by Design, Not Subject to Test
10
pF
VOL
Output Low Voltage, Input = 0V
SDA, SCL Pins, ISINK = 3mA, VCC = 2.7V,
q
0
0.4
V
VCC2 = 2.7V, LTC4300A-2
ILEAK
Input Leakage Current
SDA, SCL Pins = VCC = 5.5V,
±5
µA
LTC4300A-2, VCC2 = 5.5V
Timing Characteristics
fI2C
I2C Operating Frequency
(Note 4)
0
400
kHz
tBUF
Bus Free Time Between Stop
(Note 4)
1.3
µs
and Start Condition
thD,STA
Hold Time After (Repeated)
(Note 4)
0.6
µs
Start Condition
tsu,STA
Repeated Start Condition Setup Time
(Note 4)
0.6
µs
tsu,STO
Stop Condition Setup Time
(Note 4)
0.6
µs
thD, DAT
Data Hold Time
(Note 4)
300
ns
tsu, DAT
Data Setup Time
(Note 4)
100
ns
tLOW
Clock Low Period
(Note 4)
1.3
µs
tHIGH
Clock High Period
(Note 4)
0.6
µs
tf
Clock, Data Fall Time
(Notes 4, 5)
20 + 0.1 • CB
300
ns
tr
Clock, Data Rise Time
(Notes 4, 5)
20 + 0.1 • CB
300
ns
Note 4: Guaranteed by design, not subject to test.
Note 5: CB = total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com