Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACF Datasheet(PDF) 12 Page - Linear Technology

Part # LTACF
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTACF Datasheet HTML 8Page - Linear Technology LTACF Datasheet HTML 9Page - Linear Technology LTACF Datasheet HTML 10Page - Linear Technology LTACF Datasheet HTML 11Page - Linear Technology LTACF Datasheet HTML 12Page - Linear Technology LTACF Datasheet HTML 13Page - Linear Technology LTACF Datasheet HTML 14Page - Linear Technology LTACF Datasheet HTML 15Page - Linear Technology LTACF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4300A-1/LTC4300A-2
12
sn4300a12 4300a12fs
APPLICATIO S I FOR ATIO
of the connector and the LTC4300A-2, as shown in the
figure. In addition, make sure that the VCC bypassing on
the backplane is large compared to the 0.01
µF bypass
capacitor on the card. Establishing early power VCC en-
sures that the 1V precharge voltage is present at the
SDAIN and SCLIN pins before they make contact. Connect
VCC2 to the output of one of the CompactPCI power supply
Hot Swap circuits. VCC2 is monitored by a filtered UVLO
circuit. With the VCC2 voltage powering up after all other
pins have established connection, the UVLO circuit en-
sures that the backplane and card data and clock busses
are not connected until the transients associated with live
insertion have settled.
Figure 5 shows the LTC4300A-1 in a PCI application,
where all of the pins have the same length. In this case,
connect an RC series circuit on the I/O card between VCC
and ENABLE. An RC product of 10ms provides a filter to
prevent the LTC4300A-1 from becoming activated until
the transients associated with live insertion have settled.
Figure 5. Inserting Multiple I/O Cards into a Live Backplane Using the LTC4300A-1 in a PCI System
Figure 6 shows the LTC4300A-2 in an application where
the user has a custom connector with pins of three
different lengths available. Making VCC2 the shortest pin
ensures that all other pins are firmly connected before
VCC2 receives any voltage. A filtered UVLO circuit on VCC2
ensures that the VCC2 pin is firmly connected before the
LTC4300A-2 connects the backplane to the card.
Repeater/Bus Extender Application
Users who wish to connect two 2-wire systems sepa-
rated by a distance can do so by connecting two
LTC4300A-1s back-to-back, as shown in Figure 7. The
I2C specification allows for 400pF maximum bus capaci-
tance, severely limiting the length of the bus. The SMBus
specification places no restriction on bus capacitance,
but the limited impedances of devices connected to the
bus require systems to remain small if rise- and fall-time
specifications are to be met. The strong pull-up and pull-
down impedances of the LTC4300A-1 are capable of
R3
100k
ENABLE
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
ENABLE
SDAIN
SCLIN
VCC
GND
SDAOUT
SCLOUT
READY
4300A-1/2 F05
R9
10k
R8
10k
R10
10k
I/O PERIPHERAL CARD 2
U2
LTC4300A-1
CARD2_SCL
CARD2_SDA
R5
10k
R4
10k
I/O PERIPHERAL CARD 1
U1
LTC4300A-1
C2 0.1
µF
R7
100k
C4 0.1
µF
CARD_SCL
CARD_SDA
R1
10k
VCC
R2
10k
BACKPLANE
BACKPLANE
CONNECTOR
SDA
SCL
C1
0.01
µF
C3
0.01
µF
R6
10k
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com