Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACF Datasheet(PDF) 11 Page - Linear Technology

Part # LTACF
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTACF Datasheet HTML 7Page - Linear Technology LTACF Datasheet HTML 8Page - Linear Technology LTACF Datasheet HTML 9Page - Linear Technology LTACF Datasheet HTML 10Page - Linear Technology LTACF Datasheet HTML 11Page - Linear Technology LTACF Datasheet HTML 12Page - Linear Technology LTACF Datasheet HTML 13Page - Linear Technology LTACF Datasheet HTML 14Page - Linear Technology LTACF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4300A-1/LTC4300A-2
11
sn4300a12 4300a12fs
APPLICATIO S I FOR ATIO
these applications, note that if the I/O cards were plugged
directly into the backplane, all of the backplane and card
capacitances would add directly together, making rise- and
fall-time requirements difficult to meet. Placing a
LTC4300A on the edge of each card, however, isolates the
card capacitance from the backplane. For a given I/O card,
the LTC4300A drives the capacitance of everything on the
card and the backplane must drive only the capacitance of
the LTC4300A, which is less than 10pF.
Figure 3 shows the LTC4300A-1 in a CompactPCI
TM con-
figuration. Connect VCC and ENABLE to the output of one
of the CompactPCI power supply Hot Swap circuits. Use
a pull-up resistor to ENABLE for a card side enable/disable.
VCC is monitored by a filtered UVLO circuit. With the VCC
voltage powering up after all other pins have established
connection, the UVLO circuit ensures that the backplane
and card data and clock busses are not connected until the
transients associated with live insertion have settled. Owing
to their small capacitance, the SDAIN and SCLIN pins cause
minimal disturbance on the backplane busses when they
make contact with the connector.
Figure 4 shows the LTC4300A-2 in a CompactPCI configu-
ration. The LTC4300A-2 receives its VCC voltage from one
of the long “early power” pins. Because this power is not
switched, add a 5
Ω to 10Ω resistor between the VCC pins
Figure 4. Inserting Multiple I/O Cards into a Live Backplane Using the LTC4300A-2 in a CompactPCI System
C1
0.01
µF
C3
0.01
µF
C5
0.01
µF
R13
10k
R12
10k
R14
10k
I/O PERIPHERAL CARD N
VCC
SDAIN
SCLIN
U3
LTC4300A-2
VCC2
GND
CARDN_SCL
CARDN_SDA
SDAOUT
SCLOUT
ACC
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ACC
VCC
SDAIN
SCLIN
VCC2
GND
SDAOUT
SCLOUT
ACC
4300A-1/2 F04
R9
10k
R8
10k
R10
10k
I/O PERIPHERAL CARD 2
U2
LTC4300A-2
CARD2_SCL
CARD2_SDA
R5
10k
R4
10k
R6
10k
I/O PERIPHERAL CARD 1
U1
LTC4300A-2
C2 0.01
µF
5.1
Ω
CARD_SCL
CARD_SDA
VCC2
BACKPLANE
BACKPLANE
CONNECTOR
SDA
SCL
VCC
BD_SEL
POWER SUPPLY
HOT SWAP
C4 0.01
µF
5.1
Ω
POWER SUPPLY
HOT SWAP
C6 0.01
µF
5.1
Ω
POWER SUPPLY
HOT SWAP
R1
10k
R2
10k
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com