Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTACF Datasheet(PDF) 1 Page - Linear Technology

Part # LTACF
Description  Hot Swappable 2-Wire Bus Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTACF Datasheet(HTML) 1 Page - Linear Technology

  LTACF Datasheet HTML 1Page - Linear Technology LTACF Datasheet HTML 2Page - Linear Technology LTACF Datasheet HTML 3Page - Linear Technology LTACF Datasheet HTML 4Page - Linear Technology LTACF Datasheet HTML 5Page - Linear Technology LTACF Datasheet HTML 6Page - Linear Technology LTACF Datasheet HTML 7Page - Linear Technology LTACF Datasheet HTML 8Page - Linear Technology LTACF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4300A-1/LTC4300A-2
1
sn4300a12 4300a12fs
The LTC
®4300A series hot swappable 2-wire bus buffers
allow I/O card insertion into a live backplane without
corruption of the data and clock busses. When the con-
nection is made, the LTC4300A-1/LTC4300A-2 provide
bidirectional buffering, keeping the backplane and card
capacitances isolated. Rise-time accelerator circuitry*
allows the use of weaker DC pull-up currents while still
meeting rise-time requirements. During insertion, the
SDA and SCL lines are precharged to 1V to minimize bus
disturbances.
The LTC4300A-1 incorporates a CMOS threshold digital
ENABLE input pin, which forces the part into a low current
modewhendriventogroundandsetsnormaloperationwhen
driven to VCC. It also includes an open drain READY output
pin, which indicates that the backplane and card sides are
connected together. The LTC4300A-2 replaces the ENABLE
pin with a dedicated supply voltage pin, VCC2, for the card
side, providing level shifting between 3.3V and 5V systems.
Both the backplane and card may be powered with supply
voltages ranging from 2.7V to 5.5V, with no contraints on
which supply voltage is higher. The LTC4300A-2 also re-
places the READY pin with a digital CMOS input pin, ACC,
whichenablesanddisablestherise-timeacceleratorcurrents.
The LTC4300A is available in a small 8-pin MSOP package.
s
Hot Board Insertion
s
Servers
s
Capacitance Buffer/Bus Extender
s
Desktop Computer
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Bidirectional Buffer for SDA and SCL Lines
Increases Fanout
s
Prevents SDA and SCL Corruption During Live
Board Insertion and Removal from Backplane
s
Isolates Input SDA and SCL Lines from Output
s
Compatible with I2C
TM, I2C Fast Mode and SMBus
Standards (Up to 400kHz Operation)
s
Small MSOP 8-Pin Package
s
Low ICC Chip Disable: <1µA (LTC4300A-1)
s
READY Open Drain Output (LTC4300A-1)
s
1V Precharge on all SDA and SCL Lines
s
Supports Clock Stretching, Arbitration and
Synchronization
s
5V to 3.3V Level Translation (LTC4300A-2)
s
High Impedance SDA, SCL Pins for VCC = 0V
Hot Swappable
2-Wire Bus Buffers
I2C is a trademark of Philips Electronics N. V.
*U.S. Patent No. 6,650,174
R1
10k
VCC
3.3V
R2
10k
ENABLE
SCLIN
SCLOUT
SDAIN
SDAOUT
15
4
67
32
8
GND
LTC4300A-1
READY
C1
0.01
µF
4300A-1/2 TA01
R3
10k
R4
10k
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Input–Output Connection tPLH
OUTPUT
SIDE
50pF
INPUT
SIDE
150pF
4300A TA02


Similar Part No. - LTACF

ManufacturerPart #DatasheetDescription
logo
Weller Tools
LTA WELLER-LTA Datasheet
80Kb / 4P
Soldering Tips
logo
Lite-On Technology Corp...
LTA-1000E LITEON-LTA-1000E Datasheet
359Kb / 6P
LED Display
LTA-1000G LITEON-LTA-1000G Datasheet
129Kb / 5P
RECTANGULAR LIGHT BAR
LTA-1000G-04 LITEON-LTA-1000G-04 Datasheet
356Kb / 6P
LED Display
LTA-1000G-NB LITEON-LTA-1000G-NB Datasheet
345Kb / 6P
LED Display
More results

Similar Description - LTACF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
Hot Swappable 2-Wire Bus Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com