| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR Datasheet(PDF) 79 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR Datasheet(HTML) 79 Page - Texas Instruments |
|
79 / 242 page ![]() Table 6-57. MCU_MCSPI0 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_SPI0_CS0 IO SPI Chip Select 0 D6 MCU_SPI0_CS1 IO SPI Chip Select 1 C6 MCU_SPI0_CS2 IO SPI Chip Select 2 D8 D4 MCU_SPI0_CS3 IO SPI Chip Select 3 B8 MCU_SPI0_D0 IO SPI Data 0 E7 MCU_SPI0_D1 IO SPI Data 1 B6 Table 6-58. MCU_MCSPI1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_SPI1_CLK IO SPI Clock D7 MCU_SPI1_CS0 IO SPI Chip Select 0 A7 MCU_SPI1_CS1 IO SPI Chip Select 1 B7 MCU_SPI1_CS2 IO SPI Chip Select 2 E8 C2 MCU_SPI1_CS3 IO SPI Chip Select 3 B9 MCU_SPI1_D0 IO SPI Data 0 C7 MCU_SPI1_D1 IO SPI Data 1 C8 6.3.16 MDIO MAIN Domain Instances Table 6-59. MDIO0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MDIO0_MDC O MDIO Clock R2, Y6 F3, W1 MDIO0_MDIO IO MDIO Data AA6, P5 D1, V2 6.3.17 MMC MAIN Domain Instances Table 6-60. MMC0 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MMC0_CALPAD A MMC/SD/SDIO Calibration Resistor F18 MMC0_CLK IO MMC/SD/SDIO Clock G18 MMC0_CMD IO MMC/SD/SDIO Command J21 MMC0_DS IO MMC Data Strobe G19 MMC0_DAT0 IO MMC/SD/SDIO Data 0 K20 MMC0_DAT1 IO MMC/SD/SDIO Data 1 J20 MMC0_DAT2 IO MMC/SD/SDIO Data 2 J18 MMC0_DAT3 IO MMC/SD/SDIO Data 3 J17 MMC0_DAT4 IO MMC/SD/SDIO Data 4 H17 MMC0_DAT5 IO MMC/SD/SDIO Data 5 H19 MMC0_DAT6 IO MMC/SD/SDIO Data 6 H18 MMC0_DAT7 IO MMC/SD/SDIO Data 7 G17 (1) The MMC0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-61. MMC1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MMC1_CLK (1) IO MMC/SD/SDIO Clock L20 J20 MMC1_CMD IO MMC/SD/SDIO Command J19 J21 MMC1_SDCD I SD Card Detect D19 B17 MMC1_SDWP I SD Write Protect C20 C16 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 79 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |