Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2434BSDFHIALVR Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 76Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 77Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 78Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 79Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 80Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 81Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 82Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 83Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 242 page
background image
Table 6-61. MMC1 Signal Descriptions (continued)
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MMC1_DAT0
IO
MMC/SD/SDIO Data 0
K21
J18
MMC1_DAT1
IO
MMC/SD/SDIO Data 1
L21
J19
MMC1_DAT2
IO
MMC/SD/SDIO Data 2
K19
K20
MMC1_DAT3
IO
MMC/SD/SDIO Data 3
K18
K18
(1)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG164 register must remain in its default state
of 0x1 due to retiming requirements.
6.3.18 OSPI
MAIN Domain Instances
Table 6-62. OSPI0 Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
OSPI0_CLK
O
OSPI Clock
N20
P20
OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock Input
N19
P17
OSPI0_ECC_FAIL (2)
I
OSPI ECC Status
L17
OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
N21
M21
OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
L19
L20
OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
L18
M20
OSPI0_CSn2 (2)
O
OSPI Chip Select 2 (active low)
K17
OSPI0_CSn3 (2)
O
OSPI Chip Select 3 (active low)
L17
OSPI0_D0
IO
OSPI Data 0
M19
L19
OSPI0_D1
IO
OSPI Data 1
M18
N20
OSPI0_D2
IO
OSPI Data 2
M20
L21
OSPI0_D3
IO
OSPI Data 3
M21
N19
OSPI0_D4 (1)
IO
OSPI Data 4
P21
OSPI0_D5 (1)
IO
OSPI Data 5
P20
OSPI0_D6 (1)
IO
OSPI Data 6
N18
OSPI0_D7 (1)
IO
OSPI Data 7
M17
OSPI0_RESET_OUT0 (2)
O
OSPI Reset Out 0
L17
OSPI0_RESET_OUT1 (2)
O
OSPI Reset Out 1
K17
(1)
This OSPI0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details. The OSPI0 is limited to QSPI (4-bit) functionality for the ALX package.
(2)
This OSPI0 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details.
6.3.19 Power Supply
Table 6-63. Power Supply Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
CAP_VDDS0 (1)
CAP
External capacitor connection for IO group 0
H12
D12
CAP_VDDS1 (1)
CAP
External capacitor connection for IO group 1
T7
N5
CAP_VDDS2 (1)
CAP
External capacitor connection for IO group 2
R11
U9
CAP_VDDS3 (1)
CAP
External capacitor connection for IO group 3
N14
R16
CAP_VDDS4 (1)
CAP
External capacitor connection for IO group 4
M16
N18
CAP_VDDS5 (1)
CAP
External capacitor connection for IO group 5
L13
M18
CAP_VDDSHV_MMC1 (2)
CAP
External capacitor connection for MMC1
K15
J17
CAP_VDDS_MCU (1)
CAP
External capacitor connection for IO MCU
H10
D9
VDDA_0P85_SERDES0
PWR
SERDES0 0.85 V analog supply
P12
VDDA_0P85_SERDES0_C
PWR
SERDES0 clock 0.85 V analog supply
P11
VDDA_0P85_USB0
PWR
USB0 0.85 V analog supply
T12
V16
VDDA_1P8_SERDES0
PWR
SERDES0 1.8 V analog supply
R14
VDDA_1P8_USB0
PWR
USB0 1.8 V analog supply
R15
U15
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
www.ti.com
80
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com