Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940CGEFL/V Datasheet(PDF) 56 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 56 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 52Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 53Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 54Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 55Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 56Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 57Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 58Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 59Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
WM8940
56
Rev 4.4
MCLK
PLL1
R=f2/f1
f/4
SYSCLK
(=256fs)
CSB/GPIO
f2
f1
GPIOSEL
R8[2:1]
...
PLLPRESCALE
R36[5:4]
f/N
MCLKDIV
R6[7:5]
OPCLKDIV
R8[5:4]
ADC
DAC
f/4
MASTER
MODE
FRAME
BCLK
CLKSEL
R6[8]
f/4
BCLKDIV
R6[4:2]
MS
R6[0]
MS
R6[0]
fPLLOUT
f/N
f*2
f/4
f/2
Figure 30 PLL and Clock Select Circuit
The PLL frequency ratio R = f2/f1 (see Figure 30) can be set using the register bits PLLK and PLLN:
N = int R
K = int (224 (R - N))
N controls the ratio of the division, and K the fractional part.
The PLL output then passes through a fixed divide by 4, and can also be further divided by
MCLKDIV[3:0] (see figure 34). The divided clock (SYSCLK) can be used to clock the WM8940 DSP.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36
PLL N value
7
PLL_POWERDOWN
0
PLL POWER
0=ON
1=OFF
6
FRACEN
1
Fractional Divide within the PLL
0=Disabled (Lower Power)
1=Enabled
5:4
PLLPRESCALE
00
00 = MCLK input multiplied by 2
01 = MCLK input not divided
10 = Divide MCLK by 2 before input to
PLL
11 = Divide MCLK by 4 before input to
PLL
3:0
PLLN
1100
Integer (N) part of PLL input/output
frequency ratio. Use values greater
than 5 and less than 13.
R37
PLL K value 1
5:0
PLLK [23:18]
0Ch
Fractional (K) part of PLL1
input/output frequency ratio (treat as
one 24-digit binary number).
R38
PLL K Value 2
8:0
PLLK [17:9]
093h
R39
PLL K Value 3
8:0
PLLK [8:0]
0E9h
Table 47 PLL Frequency Ratio Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com