Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 29Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 30Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 31Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 32Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 33Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 34Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 35Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 36Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
2.3.4
Wakeup Timing
Table 2.18
Timing of recovery from low power modes
Parameter
Symbol
Min Typ
Max
Unit Test conditions
Recovery time from
Software Standby
mode*1
Crystal resonator
connected to main clock
oscillator
System clock source is
main clock oscillator*2
tSBYMC*11 —
2.1
2.4
ms
Figure 2.9
The division ratio of all
oscillators is 1.
System clock source is
PLL with main clock
oscillator*3
tSBYPC*11 —
2.2
2.6
ms
External clock input to
main clock oscillator
System clock source is
main clock oscillator*4
tSBYEX*11 —
45
125
μs
System clock source is
PLL with main clock
oscillator*5
tSBYPE*11 —
170
255
μs
System clock source is LOCO*6
tSBYLO*11 —
0.7
0.9
ms
System clock source is HOCO clock oscillator*7
tSBYHO*11 —
55
130
µs
System clock source is PLL with HOCO*8
tSBYPH*11 —
175
265
µs
System clock source is MOCO clock oscillator*9
tSBYMO*11 —
35
65
µs
Recovery time from
Deep Software
Standby mode
DPSBYCR.DEEPCUT[1] = 0 and
DPSWCR.WTSTS[5:0] = 0x0E
tDSBY
—
0.38
0.54
ms
Figure 2.10
DPSBYCR.DEEPCUT[1] = 1 and
DPSWCR.WTSTS[5:0] = 0x19
tDSBY
—
0.55
0.73
ms
Wait time after cancellation of Deep Software Standby mode
tDSBYWT
56
—
57
tcyc
Recovery time from
Software Standby
mode to Snooze
mode
High-speed mode when system clock source is
HOCO (20 MHz)
tSNZ
—
35*10 70*10 μs
Figure 2.11
High-speed mode when system clock source is
MOCO (8 MHz)
tSNZ
—
11*10 14*10 μs
Note 1. The recovery time is determined by the system clock source. When multiple oscillators are active, the recovery time can be
determined with the following equation:
Total recovery time = recovery time for an oscillator as the system clock source + the longest tSBYOSCWT in the active oscillators -
tSBYOSCWT for the system clock + 2 LOCO cycles (when LOCO is operating)
Note 2. When the frequency of the crystal is 24 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05) and the
greatest value of the internal clock division setting is 1.
Note 3. When the frequency of PLL is 240 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05) and the greatest
value of the internal clock division setting is 4.
Note 4. When the frequency of the external clock is 24 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00) and
the greatest value of the internal clock division setting is 1.
Note 5. When the frequency of PLL is 240 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00) and the greatest
value of the internal clock division setting is 4.
Note 6. The LOCO frequency is 32.768 kHz and the greatest value of the internal clock division setting is 1.
Note 7. The HOCO frequency is 20 MHz and the greatest value of the internal clock division setting is 1.
Note 8. The PLL frequency is 240 MHz and the greatest value of the internal clock division setting is 4.
Note 9. The MOCO frequency is 8 MHz and the greatest value of the internal clock division setting is 1.
Note 10. When the SNZCR.RXDREQEN bit is set to 0, the following time is added as the power supply recovery time: 16 µs (typical), 48 µs
(maximum).
Note 11. The recovery time can be calculated with the equation of tSBYOSCWT + tSBYSEQ. And they can be determined with the following
value and equation. For n, the greatest value is selected from among the internal clock division settings.
Wakeup time TYP
MAX
Unit
tSBYOSCWT
tSBYSEQ
tSBYOSCWT
tSBYSEQ
tSBYMC
(MSTS[7:0]*32 + 3) /
0.262
35 + 18 / fICLK + 4n / fMAIN
(MSTS[7:0]*32 + 14) /
0.236
62 + 18 / fICLK + 4n / fMAIN
µs
tSBYPC
(MSTS[7:0]*32 + 34) /
0.262
35 + 18 / fICLK + 4n / fPLL
(MSTS[7:0]*32 + 45) /
0.236
62 + 18 / fICLK + 4n / fPLL
µs
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 33 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com