Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 51Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 52Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 53Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 54Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 55Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 56Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 57Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
tDr
tSU
tH
tOD
MSB IN
LSB IN
MSB OUT
LSB OUT
SSLn0
input
RSPCKn
CPOL = 0
input
RSPCKn
CPOL = 1
input
MOSIn
input
MISOn
output
SPI
tDf
tTISS
tTISH
1st frame
2nd frame
DATA
MSB IN
tOD
MSB OUT
tSU
tH
Figure 2.46
SPI timing for TI SSP slave when transmit with no delay between frames
2.3.11
IIC Timing
Table 2.29
IIC timing (1)-1
(1) Conditions: Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: SDA0_B,
SCL0_B, SDA1_B, SCL1_B, SCL0_C, SDA0_C, SCL0_D, SDA0_D, SCL0_E, SDA0_E, SCL0_F, SDA0_F, SCL1_C, SDA1_C, SCL1_D,
SDA1_D, SCL1_E, SDA1_E.
(2) The following pins do not require setting: SCL0_A, SDA0_A, SCL1_A, SDA1_A.
(3) Use pins that have a letter appended to their names, for instance _A or _B or _C or _D or _E or _F, to indicate group membership. For
the IIC interface, the AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Min
Max
Unit
Test
conditions
IIC
(Standard mode,
SMBus)
BFCTL.FMPE = 0
SCL input cycle time
tSCL
10 (18) × tIICcyc + 1300
—
ns
Figure 2.47
SCL input high pulse width
tSCLH
5 (9) × tIICcyc
—
ns
SCL input low pulse width
tSCLL
5 (9) × tIICcyc
—
ns
SCL, SDA rise time
tSr
—
1000
ns
SCL, SDA fall time
tSf
—
300
ns
SCL, SDA input spike pulse
removal time
tSP
0
1 (4) × tIICcyc ns
SDA input bus free time
tBUF
5 (9) × tIICcyc + 300
—
ns
START condition input hold time
tSTAH
tIICcyc + 300
—
ns
Repeated START condition input
setup time
tSTAS
1000
—
ns
STOP condition input setup time
tSTOS
1000
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb*1
—
400
pF
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0011b while the digital filter is enabled with INCTL.DNFE set to 1.
Note 1. Cb indicates the total capacity of the bus line.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 55 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com