Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 5Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 6Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 7Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 8Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 9Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 10Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 11Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 12Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
1.4
Function Comparison
Table 1.12
Function Comparison
Parts number
R7FA6T2XX3CFP R7FA6T2XX3CFM R7FA6T2XX3CFL R7FA6T2XX3CNB R7FA6T2XX3CNE
Pin count
100
64
48
64
48
Package
LQFP
QFN
Code flash memory
512 KB, 256KB
Data flash memory
16 KB
SRAM
ECC
64 KB
Standby SRAM
Parity
1 KB
DMA
DTC
Yes
DMAC
8
System
CPU clock
240 MHz (max.)
CPU clock
sources
MOSC, HOCO, MOCO, LOCO, PLL
CAC
Yes
WDT/IWDT
Yes
KINT
Yes
Communication
SCI
6
IIC
2*2
SPI
2
CANFD
1
Timers
GPT*1
10
AGT*1
2
Analog
ADC
Unit 0: 12 + 9*3,
Unit 1: 8 + 9*3
Unit 0: 10,
Unit 1: 8
Unit 0: 6,
Unit 1: 4
Unit 0: 10,
Unit 1: 8
Unit 0: 6,
Unit 1: 4
DAC12
4
2
4
2
ACMPHS
4
3
4
3
PGA
4
3
4
3
TSN
Yes
Data processing
CRC
Yes
DOC
Yes
Event control
ELC
Yes
Accelerator
TFU
Yes
IIRFA
Yes
Security
SCE5, TrustZone and Lifecycle management
Note:
The product name differs depend on the memory size and CAN-FD support. see section 1.3. Part Numbering.
Note 1. Available pins depend on the Pin count, about details see section 1.7. Pin Lists.
Note 2. Fm+ and Hs-mode is only available for IIC channel IIC0.
Note 3. Shared terminal for UNIT0 and UNIT1.
RA6T2 Datasheet
1. Overview
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 9 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com