Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 27Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 28Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 29Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 30Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
2.2.7.1
Calculation guide of ICCmax
Table 2.12 shows the power consumption of each unit.
Table 2.12
Power consumption of each unit
Dynamic
current/Leakage
current
MCU Domain
Category
Item
Frequency [MHz]
Current [uA/
MHz]
Current*1 [mA]
Leakage current
Analog
LDO and Leak*2
Ta = 75 °C*3
—
—
37.8
Ta = 85 °C*3
—
—
46.4
Ta = 95 °C*3
—
—
56.1
Ta = 105 °C*3
—
—
68.0
Dynamic current
CPU
Operation with
Flash and SRAM
Coremark
240
105.324
25.28
Peripheral Unit
Timer
GPT32 (10ch)*4
120
29.697
3.56
POEG
(4 Groups)*4
60
1.483
0.09
AGT (2ch)*4
60
3.09
0.19
WDT
60
0.641
0.04
IWDT
60
0.225
0.01
Communication
interfaces
SCI (6ch)*4
120
27.683
3.32
IIC (2ch)*4
120
5.304
0.64
CANFD
60
5.763
0.35
SPI (2ch)*4
120
5.738
0.69
Data processing
accelerator
TFU
240
1.188
0.03
IIRFA
240
34.252
8.22
Data processing
DOC
120
0.221
0.03
CRC
120
0.508
0.06
Analog
ADC (2 Units)*4
60
172.958
10.38
DAC12 (4ch)*4
120
1.097
0.13
ACMPHS (4ch)*4
60
0.641
0.04
TSN
60
0.111
0.01
Event link
ELC
60
1.852
0.11
Security
SCE5
120
68.404
8.21
System
CAC
60
0.63
0.04
KINT
60
0.072
0.004
DMA
DMAC
240
5.073
1.22
DTC
240
4.18
1
Note 1. The values are guaranteed by design.
Note 2. LDO and Leak are internal voltage regulator’s current and MCU’s leakage current.
It is selected according to the temperature of Ta.
Note 3. Δ(Tj-Ta) = 20 °C is considered to measure the current.
Note 4. To determine the current consumption per channel or unit, divide Current [mA] by the number of channels, groups or units.
Table 2.13
Outline of operation for each unit (1 of 2)
Peripheral
Outline of operation
GPT
Operating modes is set to saw-wave PWM mode.
GPT is operating with PCLKD.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 27 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com