Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 41Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 42Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 43Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 44Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 45Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 46Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 47Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 48Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
Table 2.24
SCI timing (Simple SPI) (2 of 2)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
High Speed/
Default
Symbol
Min
Max
Unit
Note
SCK clock high pulse width
Master
 
tSPCKWH
0.4
0.6
tSPcyc
 
Slave
 
 
SCK clock low pulse width
Master
 
tSPCKWL
0.4
0.6
tSPcyc
 
Slave
 
 
SCK clock rise and fall time
Output
 
tSPCKr, tSPCKf
—
5
ns
 
Input
 
—
1
us
 
Data input setup time 
Master
High Speed*1
tSU
1.7
—
ns
 
Default*2
3
—
ns
 
Slave
 
3.3
—
ns
 
Data input hold time
Master
High Speed*1
tH
12
—
ns
 
Default*2
14
—
ns
 
Slave
 
3
—
ns
 
Data output delay
Master
High Speed*1
tOD
—
5
ns
 
Default*2
—
7.3
ns
 
Slave
High Speed*1
—
15
ns
 
Default*2
—
21
ns
 
Data output hold time
Master
 
tOH
0
—
ns
 
Slave
 
0
—
ns
 
Data rise and fall time
Output
 
tDr, tDf
—
5
ns
 
Input
 
—
1
ns
 
Slave access time
tSA
—
5
tTcyc
 
Slave output release time
tREL
—
5
tTcyc
 
Note:
tTcyc: SCITCLK cycle.
Note 1. Must use pins that have a letter appended to their name, for instance _A, _B, _C, to indicate group membership. SCI0 is instance
_A, SCI2 and SCI3 are instance _B, SCI1 and SCI9 are instance _C, SCI4 is instance _C and RXD is only PD14.
Note 2. All pins of group membership can be used.
Table 2.25
SCI timing (Simple SPI mode)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Note
SS input setup time
tLEAD
1
—
tSPcyc
 
SS input hold time
tLAG
1
—
tSPcyc
 
SS input rise and fall time
tSSLr, tSSLf
—
1
us
 
Table 2.26
SCI timing (Clock synchronous mode) (1 of 2)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
High Speed/
Default
Symbol
Min
Max
Unit
Note
SCK clock cycle output
Master
 
tSPcyc
2
—
tTcyc
 
SCK clock cycle input
Slave
 
2
—
 
SCK clock high pulse width
Master
 
tSPCKWH
0.4
0.6
tSPcyc
 
Slave
 
 
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 45 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com