Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 53Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 54Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 55Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 56Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 57Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
Table 2.31
IIC timing (1)-3
Setting of the SCL0_A, SDA0_A pins are not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
IIC
(Fast-mode+)
BFCTL.FMPE = 1
SCL input cycle time
tSCL
10 (18) × tIICcyc +
240
—
ns
Figure 2.47
SCL input high pulse width
tSCLH
5 (9) × tIICcyc
—
ns
SCL input low pulse width
tSCLL
5 (9) × tIICcyc
—
ns
SCL, SDA rise time
tSr
—
120
ns
SCL, SDA fall time
tSf
—
120
ns
SCL, SDA input spike pulse
removal time
tSP
0
1 (4) × tIICcyc
ns
SDA input bus free time
tBUF
5 (9) × tIICcyc + 120 —
ns
START condition input hold time
tSTAH
tIICcyc + 120
—
ns
Repeated START condition input
setup time
tSTAS
120
—
ns
STOP condition input setup time
tSTOS
120
—
ns
Data input setup time
tSDAS
tIICcyc + 30
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb*1
—
550
pF
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle.
Note:
Values in parentheses apply when INCTL.DNFS[3:0] is set to 0011b while the digital filter is enabled with INCTL.DNFE set to 1.
Note:
Targets are SCL0_A and SDA0_A.
Note 1. Cb indicates the total capacity of the bus line.
SDAn
SCLn
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Sr*1
Note 1. S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.47
I2C bus interface input/output timing
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 57 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com