Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 16Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 17Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 18Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 19Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 20Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 21Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
Table 2.1
Absolute maximum ratings (2 of 2)
Parameter
Symbol
Value
Unit
Operating temperature*3 *4
Topr
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C
Note 1. Ports PA12 to PA15, PB03 to PB09, PC10 to PC12, PC14, PC15, PD00 to PD07, PE00, and PE01 are 5 V tolerant.
Note 2. Connect AVCC0 to VCC.
Note 3. See section 2.2.1. Tj/Ta Definition.
Note 4. Contact a Renesas Electronics sales office for information on derating operation when Ta = +85°C to +105°C. Derating is the
systematic reduction of load for improved reliability.
Caution: Permanent damage to the MCU might result if absolute maximum ratings are exceeded.
Table 2.2
Recommended operating conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltages
VCC
2.7
—
3.6
V
VSS
—
0
—
V
Analog power supply voltages
AVCC0*1
—
VCC
—
V
AVSS0
—
0
—
V
Note 1. Connect AVCC0 to VCC. When the A/D converter and the D/A converter are not in use, do not leave the AVCC0, VREFH0, AVSS0,
and VREFL0 pins open. Connect the AVCC0 and VREFH0 pins to VCC, and the AVSS0 and VREFL0 pins to VSS, respectively.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Table 2.3
DC characteristics
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
—
125
°C
High-speed mode
Low-speed mode
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
ICCmax × VCC.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 20 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com