Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CFP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFP
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFP Datasheet HTML 34Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 35Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 36Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 37Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 38Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 39Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 40Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 41Page - Renesas Technology Corp R7FA6T2AB3CFP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Table 2.20
I/O ports, POEG, GPT, AGT, KINT and ADC trigger timing (3 of 4)
GPT Conditions:
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
GPT
Input capture pulse width
Single edge
tGTICW
1.5
—
—
tPDcyc
Figure 2.23
Dual edge
2.5
—
—
GTIOCxY output skew (x
= 0 to 3, Y = A or B)
Middle drive buffer
tGTISK*1
—
—
4
ns
Figure 2.24
High drive buffer
—
—
4
High current output
buffer
—
—
4
GTIOCxY output skew (x
= 4 to 6, Y = A or B)
Middle drive buffer
—
—
4
High drive buffer
—
—
4
High current output
buffer
—
—
4
GTIOCxY output skew (x
= 7 to 9, Y = A or B)
Middle drive buffer
—
—
4
High drive buffer
—
—
4
High current output
buffer
—
—
4
GTIOCxY output skew (x
= 0 to 9, Y = A or B)
Middle drive buffer
—
—
6
High drive buffer
—
—
6
High current output
buffer
—
—
6
OPS output skew GTOUUP, GTOULO,
GTOVUP, GTOVLO, GTOWUP, GTOWLO
tGTOSK
— 
 
—
5  
ns
Figure 2.25
External trigger input
pulse width
Synchr
onous
clock
Single-edge
setting
tGTEW
1.5
—
—
tPcyc
Figure 2.26
Both-edge
setting
2.5
—
—
Asynch
ronous
clock
Single-edge
setting
2.5
—
—
Both-edge
setting
3.5
—
—
Timer clock pulse width
Synchr
onous
clock
Single-edge
setting
tGTCKWH,
tGTCKWL
1.5
—
—
tPcyc
Figure 2.27
Both-edge
setting
2.5
—
—
Asynch
ronous
clock
Single-edge
setting
2.5
—
—
Both-edge
setting
3.5
—
—
GPT (PWM
Delay
Generation
Circuit)
GTIOCxY_Z skew (x = 0 to 3, Y = A or B, Z = A
to D)
tHRSK*2
—
—
4.0
ns
Figure 2.28
AGT
AGTIO, AGTEE input cycle
tACYC*2
50
—
—
ns
Figure 2.29
AGTIO, AGTEE input high width, low width
tACKWH,
tACKWL
20
—
—
ns
AGTIO, AGTO, AGTOA, AGTOB output cycle
tACYC2
33.3
—
—
ns
KINT
KRn (n = 00 to 07) pulse width 
tKR
250
—
—
ns
Figure 2.30
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 38 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com