Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV7 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
10
April 20, 2006
The remaining space before 40H is reserved for future
expanded usage and reading these locations will return
the result
²00H². The space before 40H overlaps in
each bank. The general-purpose data memory, ad-
dressed from 40H to FFH (Bank0; BP=0 or Bank2;
BP=2), is used for data and control information under in-
struction commands.
All data memory areas can handle arithmetic, logic, in-
crement, decrement and rotate operations directly. Ex-
cept for some dedicated bits, each bit in the data
memory can be set and reset by
²SET [m].i² and ²CLR
[m].i
². They are also indirectly accessible through mem-
ory pointer registers (MP0;01H/MP1;03H).
Indirect Addressing Register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] and [02H] accesses the RAM pointed to
by MP0 (01H) and MP1(03H), respectively. Reading lo-
cation 00H or 02H indirectly returns the result 00H. Writ-
ing indirectly leads to no operation.
The function of data movement between two indirect ad-
dressing registers is not supported. The memory pointer
registers, MP0 and MP1, are both 8-bit registers used to
access the RAM by combining corresponding indirect
addressing registers. MP0 can only be applied to data
memory, while MP1 can be applied to data memory and
VFD display memory.
Accumulator
- ACC
The accumulator (ACC) is closely related with opera-
tions carried out by the ALU. It is mapped to location
05H of the RAM and is capable of operating with imme-
diate data. The data movement between two data mem-
ory locations must pass through the ACC.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions and provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ etc.)
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
The status register (0AH) is 8 bits wide and contains a
carry flag (C), an auxiliary carry flag (AC), a zero flag (Z),
an overflow flag (OV), a power down flag (PDF), and a
watchdog time-out flag (TO). It also records the status
information and controls the operation sequence.
Except for the TO and PDF flags, bits in the status reg-
ister can be altered by instructions similar to other reg-
isters. Data written into the status register does not alter
the TO or PDF flags. Operations related to the status
register, however, may yield different results from those
intended. The TO and PDF flags can only be changed
by a Watchdog Timer overflow, chip power-up, or clear-
ing the Watchdog Timer and executing a
²HALT² in-
struction. The Z, OV, AC, and C flags reflect the status of
the latest operations.
On entering an interrupt sequence or executing a sub-
routine call, the status register will not be automatically
pushed onto the stack. If the contents of the status is im-
portant, and if the subroutine is likely to corrupt the sta-
tus register, the programmer should take precautions
and save it properly.
Bit No.
Label
Function
0C
C is set if an operation results in a carry during an addition operation or if a borrow does
not take place during a subtraction operation, otherwise C is cleared. C is also affected by
a rotate through carry instruction.
1AC
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow
from the high nibble into the low nibble in subtraction, otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero, otherwise Z is cleared.
3OV
OV is set if an operation results in a carry into the highest-order bit but not a carry out of
the highest-order bit, or vice versa, otherwise OV is cleared.
4
PDF
PDF is cleared by either a system power-up or executing the
²CLR WDT² instruction.
PDF is set by executing the
²HALT² instruction.
5TO
TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction.
TO is set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com