Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV7 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
18
April 20, 2006
Timer/Event Counter
Two timer/event counters (TMR0,TMR1) are imple-
mented in the microcontroller. The Timer/Event Counter
0 contains a 16-bit programmable count-up counter and
the clock may come from an external source or an inter-
nal clock source. An internal clock source comes from
fSYS. The Timer/Event Counter 1 contains a 16-bit pro-
grammable count-up counter and the clock may come
from an external source or an internal clock source. An
internal clock source comes from fSYS/4 or 32768Hz se-
lected by option. The external clock input allows the
user to count external events, measure time intervals or
pulse widths, or to generate an accurate time base.
There are six registers related to the Timer/Event Coun-
ter 0; TMR0H (0CH), TMR0L (0DH), TMR0C (0EH) and
the Timer/Event Counter 1, TMR1H (0FH), TMR1L
(10H), and TMR1C (11H). Writing TMR0L (TMR1L) will
only place the written data to an internal lower-order
byte buffer (8-bit) and writing TMR0H (TMR1H) will
transfer the specified data and the contents of the
lower-order byte buffer to TMR0H (TMR1H) and TMR0L
(TMR1L) registers, respectively. The Timer/Event
Counter 1/0 preload register is changed by each writing
TMR0H (TMR1H) operations. Reading TMR0H
(TMR1H) will latch the contents of TMR0H (TMR1H)
and TMR0L (TMR1L) counters to the destination and
the lower-order byte buffer, respectively. Reading the
TMR0L (TMR1L) will read the contents of the
lower-order byte buffer. The TMR0C (TMR1C) is the
Timer/Event Counter 0 (1) control register, which de-
fines the operating mode, counting enable or disable
and an active edge.
The TM0 and TM1 bits define the operation mode. The
event count mode is used to count external events,
which means that the clock source is from an external
(TMR0, TMR1) pin. The timer mode functions as a nor-
mal timer with the clock source coming from the internal
selected clock source. Finally, the pulse width measure-
ment mode can be used to count the high or low level
duration of the external signal (TMR0, TMR1), and the
counting is based on the internal selected clock source.
In the event count or timer mode, the timer/event coun-
ter starts counting at the current contents in the
timer/event counter and ends at FFFFH. Once an over-
flow occurs, the counter is reloaded from the timer/event
counter preload register, and generates an interrupt re-
quest flag (T0F; bit 6 of INTC0, T1F; bit 4 of INTC1). In
the pulse width measurement mode with the values of
the TON and TE bits equal to 1, after the TMR0 (TMR1)
has received a transient from low to high (or high to low if
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T
Q
P F D 0
P A 3 D a t a C T R L
T 0 M 1
T 0 M 0
T M R 0
T 0 E
T 0 M 1
T 0 M 0
T 0 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
1 6 - b i t T i m e r / E v e n t C o u n t e r
( T M R 0 H / T M R 0 L )
D a t a B u s
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
T 0 P S C 2 ~ T 0 P S C 0
( 6 + 2 ) o r ( 7 + 1 )
C o m p a r e
P W M
T o P D 0 / P D 1 / P D 2 / P D 3 c i r c u i t
Timer/Event Counter 0
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T
Q
P F D 1
P A 3 D a t a C T R L
T 1 M 1
T 1 M 0
T M R 1
T 1 E
T 1 M 1
T 1 M 0
T 1 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
1 6 - b i t T i m e r / E v e n t C o u n t e r
( T M R 1 H / T M R 1 L )
D a t a B u s
f I N T
f S Y S / 4
3 2 7 6 8 H z
T 1 S
M
U
X
Timer/Event Counter 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com