Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV7 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT49CV7
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV7 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT49CV7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV7 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
HT49RV7/HT49CV7
Rev. 1.00
11
April 20, 2006
Interrupts
The HT49RV7/HT49CV7 provides two external inter-
rupts, two internal timer/event counter interrupts, three
remote control timer interrupts, an internal real time
clock interrupt and serial interface interrupt. The inter-
rupt control register 0 (INTC0;0BH) and interrupt control
register 1 (INTC1;1EH) both contain the interrupt control
bits that are used to set the enable/disable status and in-
terrupt request flags.
Once an interrupt subroutine is serviced, all other inter-
rupts are blocked (by clearing the EMI bit). This scheme
may prevent any further interrupt nesting. Other inter-
rupt requests may take place during this interval, but
only the interrupt request flag will be recorded. If another
interrupt requires servicing while the program is in the
interrupt service routine, the programmer should set the
EMI bit and the corresponding bit of the INTC0 or INTC1
to allow interrupt nesting. Once the stack is full, the inter-
rupt request will not be acknowledged, even if the related
interrupt is enabled, until the SP is decremented. If imme-
diate service is desired, the stack should be prevented
from becoming full.
All these interrupts can support a wake-up function. As
an interrupt is serviced, a control transfer occurs by push-
ing the contents of the Program Counter onto the stack
followed by a branch to a subroutine at the specified loca-
tion in the ROM. Only the contents of the Program Coun-
ter is pushed onto the stack. If the contents of the register
or of the status register (STATUS) is altered by the inter-
rupt service program which corrupts the desired control
sequence, the contents should be saved in advance.
External interrupts are triggered by an edge transition of
INT0 or INT1 (configuration option: high to low, low to
high, low to high or high to low), and the related interrupt
request flag (EIF0; bit 4 of INTC0, EIF1; bit 5 of INTC0)
is set as well. After the interrupt is enabled, the stack is
not full, and the external interrupt is active, a subroutine
call to location 04H or 08H occurs. The interrupt request
flag (EIF0 or EIF1) and EMI bits are all cleared to disable
other maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F; bit 6 of INTC0), which is normally
caused by a timer overflow. After the interrupt is en-
abled, and the stack is not full, and the T0F bit is set, a
subroutine call to location 0CH occurs. The related inter-
rupt request flag (T0F) is reset, and the EMI bit is
cleared to disable other maskable interrupts.
Timer/Event Counter 1 is operated in the same manner
but its related interrupt request flag is T1F (bit 4 of
INTC1) and its subroutine call location is 10H.
The Serial Interface interrupt is initialized by setting the
interrupt request flag (TDRF; bit 5 of INTC1), which is
caused by completely receiving or transferring 8 bits of
data from a serial interface. After the interrupt is en-
abled, and the stack is not full, and the TRF bit is set, a
subroutine call to location 14H occurs. The related inter-
rupt request flag (TDRF) is reset and the EMI bit is
cleared to disable further maskable interrupts.
The multi-function interrupt is initialized by setting the in-
terrupt request flag (MFF; bit 6 of INTC1), which is
caused by a regular real time clock signal, or caused by
a rising edge of RMT, or caused by a falling edge of
RMT, or caused by an RMT overflow. After the interrupt
is enabled, and the stack is not full, and the MFF bit is
set, a subroutine call to location 18H occurs. The related
interrupt request flag (MFF) is reset and the EMI bit is
cleared to disable further maskable interrupts.
During the execution of an interrupt subroutine, other
maskable interrupt acknowledgments are all held until
the
²RETI² instruction is executed or the EMI bit and the
related interrupt control bit are both set to 1 (if the stack
is not full). To return from the interrupt subroutine,
²RET²
or
²RETI² may be invoked. RETI sets the EMI bit and en-
ables an interrupt service, but RET does not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses are serviced on the
latter of the two T2 pulses if the corresponding interrupts
are enabled. In the case of simultaneous requests, the
following table shows the priority that is applied. These
can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External interrupt 0
1
04H
External interrupt 1
2
08H
Timer/Event Counter 0 overflow
3
0CH
Timer/Event Counter 1 overflow
4
10H
Serial Interface interrupt
5
14H
Multi-function interrupt
6
18H
The RMT overflow interrupt flag (RMTVF; bit 0 of MFIS),
real time clock interrupt flag (RTF; bit 1 of MFIS), the
RMT rising edge interrupt flag (RMT0F; bit 2 of MFIS)
and the RMT falling edge interrupt flag (RMT1F; bit 3 of
MFIS) indicate that a related interrupt has occurred. Af-
ter reading these flags, these flags will not be cleared
automatically, they should be cleared by the user.
The serial interface interrupt is indicated by the interrupt
flag (TDRF; bit 5 of INTC1), that is caused by receiving
or transferring a complete 8-bit data transfer between
the HT49RV7/HT49CV7 and an external device. After
the interrupt is enabled (by setting ESBI; bit 1 of INTC1),
and the stack is not full, a subroutine call to location 14H
occurs. TDRF is set by SIO and should be cleared by
users. (Only at the later stage will the INTC bit-5 TDRF
specs be released, while the SBCR bit-0 TRF specs re-
main as is.)
The Timer/Event Counter 0 interrupt request flag (T0F),
external interrupt 1 request flag (EIF1), external inter-
rupt 0 request flag (EIF0), enable Timer/Event Counter0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com