| Electronic Components Datasheet Search |
|
HT49CV7 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT49CV7 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 48 page ![]() Pin Assignment Note: Each VDD (VSS) pins must be connected to the power (ground) of the system. Pin Description Pin Name I/O Options Description PA0/BZ PA1/BZ PA2 PA3/PFD PA4~PA7 I/O Wake-up Pull-high Buzzer PFD Bidirectional 8-bit input/output port. Each bit can be configured as a wake-up input by configuration option. Software instructions determine if the pin is a CMOS output or Schmitt trigger input with or without pull-high resistor (deter- mined by pull-high options: bit option). Pins PA0, PA1 and PA3 are pin-shared with BZ, BZ and PFD, respectively. PB0/AN0~ PB7/AN7 I/O Pull-high Bidirectional 8-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt trigger input with or without pull-high resistor (determined by pull-high option: bit option) or A/D input. Once a PB line is se- lected as an A/D input (by using software control), the I/O function and pull-high resistor are disabled automatically. PC0~PC7 I/O Pull-high Bidirectional 8-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt trigger input with or without pull-high resistor (determined by pull-high option: bit option). PD0/PWM0 PD1/PWM1 PD2/PWM2 PD3/PWM3 I/O Pull-high PWM Bidirectional 4-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt trigger input with or without a pull-high resistor (determined by pull-high option: bit option). PD0~PD3 are pin-shared with PWM0~PWM3 (dependent on PWM options). HT49RV7/HT49CV7 Rev. 1.00 3 April 20, 2006 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 8 1 8 2 8 3 8 4 8 5 8 6 8 7 8 8 8 9 9 0 9 1 9 2 9 3 9 4 9 5 9 6 9 7 9 8 9 9 1 0 0 8 0 7 9 7 8 7 7 7 6 7 5 7 4 7 3 7 2 7 1 7 0 6 9 6 8 6 7 6 6 6 5 6 4 6 3 6 2 6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2 5 1 P A 5 N C N C N C N C N C P A 6 P A 7 P B 0 / A N 0 P B 1 / A N 1 P B 2 / A N 2 P B 3 / A N 3 P B 4 / A N 4 P B 5 / A N 5 P B 6 / A N 6 P B 7 / A N 7 V S S P D 0 / P W M 0 P D 1 / P W M 1 P D 2 / P W M 2 P D 3 / P W M 3 P D 4 / I N T 0 P D 5 / I N T 1 P D 6 / T M R 0 P D 7 / T M R 1 P C 0 P C 1 P C 2 P C 3 V S S N C N C G r i d 0 G r i d 1 G r i d 2 G r i d 3 G r i d 4 G r i d 5 N C N C V D D V E E N C N C N C N C S E G 1 5 / G r i d 6 S E G 1 4 / G r i d 7 S E G 1 3 / G r i d 8 S E G 1 2 / G r i d 9 S E G 1 1 / G r i d 1 0 N C N C N C N C N C N C N C N C N C H T 4 9 R V 7 / H T 4 9 C V 7 1 0 0 Q F P - A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |