Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26S Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 4Page - STMicroelectronics LNBH26S Datasheet HTML 5Page - STMicroelectronics LNBH26S Datasheet HTML 6Page - STMicroelectronics LNBH26S Datasheet HTML 7Page - STMicroelectronics LNBH26S Datasheet HTML 8Page - STMicroelectronics LNBH26S Datasheet HTML 9Page - STMicroelectronics LNBH26S Datasheet HTML 10Page - STMicroelectronics LNBH26S Datasheet HTML 11Page - STMicroelectronics LNBH26S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
3
Pin configuration
Figure 5. Pin connections (top view)
GND
DSQOUT-A
DSQIN-B
DSQIN-A
VUP-A
VCC
PGND
FLT
LX-B
LX-A
SDA
ISEL
VOUT-B
NC
DETIN-A
VUP-B
BPSW-B
VOUT-A
DSQOUT-B
BYP
BPSW-A
ADDR
DETIN-B
SCL
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
12
11
10
19
20
21
22
23
24
GIPG2701151333LM
Table 1. Pin description
Pin
Symbol
Name
Pin function
1
DSQOUT-B
DiSEqC output
Open drain output of channel A tone detector to the main microcontroller for
DiSEqC 2.0 data decoding. It is low when tone is detected on the DETIN-B input
pin. Set to ground if not used.
2
FLT
FLT
Open drain output for IC fault conditions. It is set low in case of overload (OLF bit)
or overheating status (OTF bit) or power not good (PNG bit) is detected. To be
connected to pull-up resistor (5 V max.).
3
LX-A
NMOS drain
Channel A, integrated N-channel power MOSFET drain.
4
P-GND
Power ground
DC-DC converter power ground. To be connected directly to the exposed pad.
5
LX-B
NMOS drain
Channel B, integrated N-channel power MOSFET drain.
6
ADDR
Address setting
Two I2C bus addresses available by setting the address pin level voltage. See
Table 15. Address pin characteristics.
7
SCL
Serial clock
Clock from I²C bus.
8
SDA
Serial data
Bi-directional data from/to I²C bus.
9
ISEL
Current selection
for both channel A
and B
The resistor “RSEL” connected between ISEL and GND defines the linear
regulator current limit threshold. Refer to Section 2.5 DISEQC™ 2.0
implementation. The RSEL resistor defines the same current limit both for
channels A and B.
10
N.C.
Not internally
connected
Not internally connected pin. Set floating if not used.
LNBH26S
Pin configuration
DS8975 - Rev 5
page 8/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com