Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26S Datasheet(PDF) 19 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 15Page - STMicroelectronics LNBH26S Datasheet HTML 16Page - STMicroelectronics LNBH26S Datasheet HTML 17Page - STMicroelectronics LNBH26S Datasheet HTML 18Page - STMicroelectronics LNBH26S Datasheet HTML 19Page - STMicroelectronics LNBH26S Datasheet HTML 20Page - STMicroelectronics LNBH26S Datasheet HTML 21Page - STMicroelectronics LNBH26S Datasheet HTML 22Page - STMicroelectronics LNBH26S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Table 8. DATA 3 (read/write register. Register address = 0X4)
Bit
Name
CH
Value
Description
Bit 0 (LSB)
ISET-A
A
1
Current limit of LNB output (VOUT pin) set to lower current
range
0
Current limit of LNB output (VOUT pin) set to default range
Bit 1
ISW-A
1
DC-DC, inductor switching current limit set to 2.5 A typ.
0
DC-DC, inductor switching current limit set to 4 A typ.
Bit 2
PCL-A
1
Pulsed (dynamic) LNB output current limiting is deactivated
0
Pulsed (dynamic) LNB output current limiting is activated
Bit 3
TIMER-A
1
Pulsed (dynamic) LNB output current TON time set to 180
ms typ.
0
Pulsed (dynamic) LNB output current TON time set to 90
ms typ.
Bit 4
ISET-B
B
1
Current limit of LNB output (VOUT pin) set to lower current
range
0
Current limit of LNB output (VOUT pin) set to default range
Bit 5
ISW-B
1
DC-DC, inductor switching current limit set to 2.5 A typ.
0
DC-DC, inductor switching current limit set to 4 A typ.
Bit 6
PCL-B
1
Pulsed (dynamic) LNB output current limiting is deactivated
0
Pulsed (dynamic) LNB output current limiting is activated
Bit 7 (MSB)
TIMER-B
1
Pulsed (dynamic) LNB output current TON time set to 180
ms typ.
0
Pulsed (dynamic) LNB output current TON time set to 180
ms typ.
Table 9. DATA 4 (read/write register. Register address = 0X5)
Bit
Name
CH
Value
Description
Bit 0 (LSB)
EN_IMON-A
A
1
IMON diagnostic function is enabled. (VOUT is set to 21 V
typ.)
0
IMON diagnostic function is disabled. Keep always at “0” if
IMON is not used
Bit 1
N/A
0
Reserved. Keep to “0”
Bit 2
0
Bit 3
OLR
A/B
1
In the case of overload protection activation (OLF=1), all
VSEL bits are reset to “0” and LNB relevant output (VOUT
pin) is disabled. The VSEL bits must be set again by the
master after the overcurrent condition is removed (OLF=0)
0
In the case of overload protection activation (OLF=1) the
LNB output (VOUT pin) is automatically enabled as soon
as the overload condition is removed (OLF=0) with the
previous VSEL bit setting
Bit 4
EN_IMON-B
B
1
IMON diagnostic function is enabled
0
IMON diagnostic function is disabled. Always keep “0” if
IMON is not used
Bit 5
N/A
0
Reserved. Keep “0”
LNBH26S
Data registers
DS8975 - Rev 5
page 19/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com