Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26S Datasheet(PDF) 31 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 27Page - STMicroelectronics LNBH26S Datasheet HTML 28Page - STMicroelectronics LNBH26S Datasheet HTML 29Page - STMicroelectronics LNBH26S Datasheet HTML 30Page - STMicroelectronics LNBH26S Datasheet HTML 31Page - STMicroelectronics LNBH26S Datasheet HTML 32Page - STMicroelectronics LNBH26S Datasheet HTML 33Page - STMicroelectronics LNBH26S Datasheet HTML 34Page - STMicroelectronics LNBH26S Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Contents
1
Block diagram .....................................................................2
2
Application information (valid for each section A/B) ................................3
2.1
DISEQC™ data encoding (DSQIN pin) ............................................ 3
2.2
Data encoding by external 22 kHz tone TTL signal .................................. 3
2.3
Data encoding by external DiSEqC envelope control through the DSQIN pin............. 3
2.4
LPM (low power mode).......................................................... 4
2.5
DISEQC™ 2.0 implementation ................................................... 4
2.6
Output current limit selection ..................................................... 4
2.7
Output voltage selection......................................................... 5
2.8
Diagnostic and protection functions ............................................... 5
2.9
Surge protections and TVS diodes ................................................ 5
2.10
FLT: fault FLAG ................................................................ 5
2.11
VMON: output voltage diagnostic ................................................. 6
2.12
TMON: 22 kHz tone diagnostic ................................................... 6
2.13
TDET: 22 kHz tone detection ..................................................... 6
2.14
IMON: minimum output current diagnostic.......................................... 6
2.15
PDO: overcurrent detection on output pull-down stage ............................... 6
2.16
Power-on I²C interface reset and undervoltage lockout ............................... 6
2.17
PNG: input voltage minimum detection ............................................ 6
2.18
ISW: inductor switching current limit ............................................... 6
2.19
COMP: boost capacitors and inductor ............................................. 7
2.20
OLF: overcurrent and short-circuit protection and diagnostic .......................... 7
2.21
OTF: thermal protection and diagnostic ............................................ 7
3
Pin configuration ..................................................................8
4
Maximum ratings .................................................................10
5
Typical application circuits .......................................................11
6
I²C bus interface ..................................................................14
6.1
Data validity .................................................................. 14
6.2
Start and stop condition ........................................................ 14
LNBH26S
Contents
DS8975 - Rev 5
page 31/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com