Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26S Datasheet(PDF) 18 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 14Page - STMicroelectronics LNBH26S Datasheet HTML 15Page - STMicroelectronics LNBH26S Datasheet HTML 16Page - STMicroelectronics LNBH26S Datasheet HTML 17Page - STMicroelectronics LNBH26S Datasheet HTML 18Page - STMicroelectronics LNBH26S Datasheet HTML 19Page - STMicroelectronics LNBH26S Datasheet HTML 20Page - STMicroelectronics LNBH26S Datasheet HTML 21Page - STMicroelectronics LNBH26S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Table 6. DATA 1 (read/write register. Register address = 0X2)
Bit
Name
CH
Value
Description
Bit 0 (LSB)
VSEL1-A
A
0/1
Channel A
Output voltage selection bits
Bit 1
VSEL2-A
0/1
Bit 2
VSEL3-A
0/1
Bit 3
VSEL4-A
0/1
Bit 4
VSEL1-B
B
0/1
Channel B
Output voltage selection bits
Bit 5
VSEL2-B
0/1
Bit 6
VSEL3-B
0/1
Bit 7
VSEL4-B
0/1
Table 7. DATA 2 (read/write register. Register address = 0X3)
Bit
Name
CH
Value
Description
Bit 0 (LSB)
TEN-A
A
1
22 kHz tone enabled. Tone output controlled by the DSQIN
pin
0
22 kHz tone output disabled
Bit 1
LPM-A
1
Low power mode activated (used only with 22 kHz tone
output disabled)
0
Low power mode deactivated (keep always LPM=0 during
22 kHz tone transmission)
Bit 2
EXTM-A
1
DSQIN input pin is set to receive external 22 kHz TTL
signal source
0
DSQIN input pin is set to receive external DiSEqC
envelope TTL signal
Bit 3
N/A
0
Reserved. Keep to “0”
Bit 4
TEN-B
B
1
22 kHz tone enabled. Tone output controlled by the DSQIN
pin
0
22 kHz tone output disabled
Bit 5
LPM-B
1
Low power mode activated (used only with 22 kHz tone
output disabled)
0
Low power mode deactivated (keep always LPM=0 during
22 kHz tone transmission)
Bit 6
EXTM-B
1
DSQIN input pin is set to receive external 22 kHz TTL
signal source
0
DSQIN input pin is set to receive external DiSEqC
envelope TTL signal
Bit 7 (MSB)
N/A
0
Reserved. Keep to “0”
LNBH26S
Data registers
DS8975 - Rev 5
page 18/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com