Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9654 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 19Page - STMicroelectronics L9654 Datasheet HTML 20Page - STMicroelectronics L9654 Datasheet HTML 21Page - STMicroelectronics L9654 Datasheet HTML 22Page - STMicroelectronics L9654 Datasheet HTML 23Page - STMicroelectronics L9654 Datasheet HTML 24Page - STMicroelectronics L9654 Datasheet HTML 25Page - STMicroelectronics L9654 Datasheet HTML 26Page - STMicroelectronics L9654 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
DocID14218 Rev 3
23/59
L9654
Functional description
58
reaches its regulation voltage before VRES voltage is stabilized. In this condition, the device
has the control of its internal logic and that prevents an inadvertent turn-on of the drivers.
When VRES is connected to the ignition, VRES voltage is stabilized before VDD reaches its
regulation voltage. In this condition, all drivers are inactive. A pull-down on the gates of high-
side drivers (SQH) is provided to prevent these drivers from momentarily turning-on. Any
loop driver fault conditions do not turn on the SQH and SQL drivers. Only a valid
deployment condition can turn on the respective SQH and SQL drivers.
4.9.1
Arming interface
The arming interface is used as a fail-safe to prevent inadvertent airbag deployment. Along
with deployment command, these signals provide redundancy. Pulse stretch timer is
provided for each channel/loop. Either ARM signal or deployment command shall start the
pulse stretch timer.
Arming interface has a dedicated 8-bit SPI interface.
When CS_A is negated, L9654 latches ARM signal from the shift register and starts the
pulse stretch timer for the respective channel/s. The device can deploy a channel, ONLY
when DEPEN is asserted and any of the following conditions are satisfied:
the respective deployment command is sent during a valid pulse stretch timer, which is
initiated by ARM signal
the respective SPI ARM command is sent during a valid pulse stretch timer, which is
initiated by deployment command
During a deployment, the device turns on the respective high-side (SQH) and low-side
(SQL) drivers for duration of tDEPLOY. When a deployment is initiated, it can’t be terminated,
except during a reset event.
Figure 11. Deployment sequence
When a deployment-enable command is sent through SPI, the pulse stretcher shall be
initiated immediately following the falling edge of CS_D. When another deployment-enable
command is sent before the timer for the previous command expired, the timer is refreshed.
Sending a deployment-disable command terminates the pulse stretch timer operation.
ONLY a timer operation started by a deployment-enable command can be terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com