Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9654 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 22Page - STMicroelectronics L9654 Datasheet HTML 23Page - STMicroelectronics L9654 Datasheet HTML 24Page - STMicroelectronics L9654 Datasheet HTML 25Page - STMicroelectronics L9654 Datasheet HTML 26Page - STMicroelectronics L9654 Datasheet HTML 27Page - STMicroelectronics L9654 Datasheet HTML 28Page - STMicroelectronics L9654 Datasheet HTML 29Page - STMicroelectronics L9654 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Functional description
L9654
26/59
DocID14218 Rev 3
4.10.1
Deployment driver diagnostic
L9654 is able to perform a short to battery, a short to ground, a resistance measurement
and a MOS diagnostics on its deployment drivers. A short to ground and an open circuit
conditions are distinguished using a resistance measurement. Here below is shown the
diagram of deployment driver diagnostic.
The diagnostic is performed when a valid SPI command is received. Each current source
(ISRC and IBIAS) and current sink (ISINK, IPD_SQH) is turned on or off by an SPI command.
IPD_SQH is turned on when IBIAS is turned on. This pull-down (IPD_SQH) is used to deplete
the charge left on the SQH and SQL capacitors. IPD is permanently connected to SQL. This
current sink pulls down SQL pin during an open circuit condition.
Diagnostic current source or sink and comparator or amplifier are independent. It is possible
to turn on or off the current source or sink on a specific channel, while monitoring the
comparator or amplifier on a different channel. This feature is used to run a short between
loop diagnostic.
Figure 13. Deployment driver diagnostic diagram
4.10.2
Continuity diagnostic
A continuity diagnostic includes a short to battery, a short to ground and an open circuit
diagnostic.
During a continuity diagnostic, IBIAS is switched on. On a normal loading condition, SQH
voltage is below SBTH threshold and SQL voltage is above SGTH threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com