Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9654 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 33Page - STMicroelectronics L9654 Datasheet HTML 34Page - STMicroelectronics L9654 Datasheet HTML 35Page - STMicroelectronics L9654 Datasheet HTML 36Page - STMicroelectronics L9654 Datasheet HTML 37Page - STMicroelectronics L9654 Datasheet HTML 38Page - STMicroelectronics L9654 Datasheet HTML 39Page - STMicroelectronics L9654 Datasheet HTML 40Page - STMicroelectronics L9654 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
DocID14218 Rev 3
37/59
L9654
Functional description
58
may be connected to a single ADC input of a processor. If an AOUT is driven, the rest of
AOUT shall be driven to the high-impedance state.
Bit D6 through bit D4 select a specific channel, which is monitored. If AOUT output is
enabled, AOUT shall reflect the voltage on the selected channel. Also, SBTH and SGTH
status bits shall report the status of the respective channel. The decoding scheme of this
channel selection is shown in the following table. The default states of these bits are ‘0’
(channel 0 selected).
Table 20. Channel selection decoding
Bit D6
Bit D5
Bit D4
Channel selected
Bit D2
Bit D1
Bit D0
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
X
X
Don't’ Care
Bit D3 is used to calibrate AOUT. If this bit is set to ‘1’, AOUT pin contains the calibration
voltage. The processor can use this calibration voltage to make adjustment to the
subsequent resistance measurement reading. This is intended to improve the accuracy of
the resistance measurement. When this bit is set to ‘0’, AOUT pin contains the resistance
measurement results.
The default state of this bit is ‘0.’
4.11.5
Deployment driver monitor mode
Monitor Mode message is defined as shown in the following table.
Table 21. MOSI monitor mode message definition
Bit
State
Description
D15
1
Mode bits
D14
1
D13
-
Odd Parity
D12
-
Don’t Care
D11
-
Don’t Care
D10
-
Don’t Care
D9
-
Don’t Care
D8
0
Report Deploy Success Flag (default)
1
Report Deployment OR Deploy Success Flag
D7
-
Don’t Care
D6
-
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com