Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9654 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 36Page - STMicroelectronics L9654 Datasheet HTML 37Page - STMicroelectronics L9654 Datasheet HTML 38Page - STMicroelectronics L9654 Datasheet HTML 39Page - STMicroelectronics L9654 Datasheet HTML 40Page - STMicroelectronics L9654 Datasheet HTML 41Page - STMicroelectronics L9654 Datasheet HTML 42Page - STMicroelectronics L9654 Datasheet HTML 43Page - STMicroelectronics L9654 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Functional description
L9654
40/59
DocID14218 Rev 3
Bit D12 is used to reflect the status of MOSI Read/Write bit.
Bit D11 is used to reflect the MOSI bit D11 in the previous command.
Bit D10 is used to indicate the deployment condition set in L9654. Refer to Section 4.11.1
for deployment condition bit in MOSI register mode message.
Bit D9 and bit D8 are used to report the period of the pulse stretch timer.
Bit D1 is used to indicate a "hard-reset" event. This bit is de-asserted ('0'), when POR is
detected, RESETB is asserted, RIREF is out-of-range, or GND connection is lost. This bit is
set to '1,' after the bit has been read. A soft reset sequence does not affect this bit.
Bit D0 is used to report the soft reset sequence status. If valid soft reset sequences are
received, bit D0 is set to ‘1.’ Otherwise, bit D0 is set to ‘0.’
When L9654 receives valid soft reset sequences, it sends MISO register mode response
containing $0001 in the next SPI transmission.
4.12
MISO register mode response summary
Table 24 below summarizes the MISO register mode response of various events and MOSI
messages. The MOISO response shown here is the one received in the next valid SPI
transmission after each event or MOSI write.
Table 25. MISO register mode response summary
Event/MOSI message
MISO response
POR
$0004
RESETB
$0004
Loss of GND
$0004
RIREF out of range
$0004
MOSI Write Soft Reset: $AA
$1806
MOSI Write Soft Reset: $55 (after $AA)
$0007
MOSI Write Pulse Stretch Timer
$1X06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com