Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9654 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9654
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 26Page - STMicroelectronics L9654 Datasheet HTML 27Page - STMicroelectronics L9654 Datasheet HTML 28Page - STMicroelectronics L9654 Datasheet HTML 29Page - STMicroelectronics L9654 Datasheet HTML 30Page - STMicroelectronics L9654 Datasheet HTML 31Page - STMicroelectronics L9654 Datasheet HTML 32Page - STMicroelectronics L9654 Datasheet HTML 33Page - STMicroelectronics L9654 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Functional description
L9654
30/59
DocID14218 Rev 3
4.10.8
High-side MOS diagnostic
When L9654 receives an SPI command to initiate the high-side MOS diagnostic, the
following conditions are verified before turning on the high-side MOS:
VSQL greater than SGTH threshold voltage
VSQH less than SBTH threshold voltage
If both conditions above are satisfied, the high-side MOS diagnostic is executed. Otherwise,
it is ignored and both bit D13 and bit D7 in SPI diagnostic are set.
Upon detection of the following conditions, the high-side driver is turned off and the
diagnostic, within the specified time, tPROP_DLY, is terminated
VSQH greater than SBTH threshold voltage
(VSQHx – VSQLx) greater than VI_TH
VSQL less than SGTH threshold voltage
The state of each comparator above is reported through SPI. When L9654 detects one of
the above conditions, it sets the respective SPI status bit to indicate the condition. Any of the
above conditions is considered as normal in a high-side MOS diagnostic.
The high-side driver is turned off when tTIMEOUT is expired. A fault detection filter, tFLT_DLY, is
provided to protect against short-transients on SQH and SQL pins.
4.10.9
Loss of ground
When any of the power grounds (GND0 – 7) are lost, no deployment can occur to the
respective deployment channels. A loss of ground condition on one or several channels
does not affect the operation of the remaining channels.
When a loss of ground condition occurs, the source of the low-side MOS is floating. In this
case, no current flows through the low-side driver.
This condition is detected as a fault by a low-side MOS diagnostic. Also, the resistance
measurement result is on the low end of the resistance range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com