Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9966 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 45Page - STMicroelectronics L9966 Datasheet HTML 46Page - STMicroelectronics L9966 Datasheet HTML 47Page - STMicroelectronics L9966 Datasheet HTML 48Page - STMicroelectronics L9966 Datasheet HTML 49Page - STMicroelectronics L9966 Datasheet HTML 50Page - STMicroelectronics L9966 Datasheet HTML 51Page - STMicroelectronics L9966 Datasheet HTML 52Page - STMicroelectronics L9966 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
11
Voltage dividers and internal signals
The device implements different voltage dividers to scale the system voltage rails (UBSW, VI5V, VIX) to a suitable
level for the integrated ADC1.
The full range of the ADC1 is 1.25V
In Table 29 the voltage divider ratios parameters are listed. The chosen voltage divider is set simply based on
the voltage pin being converted, regardless of the configuration of PUP_DIV[1:0] in SC_CONF or SQNCR_CMDx
registers.
Table 29. Voltage dividers and internal signals electrical parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin
UBSW = 7.5 V:36 V, VDD5V = 4.85 V:5.15 V, Tj-max = 150 °C unless otherwise specified.
RatioBatt
Voltage divider ratio to ADC1
UBSW input range 40 V
95%FR=39.22+-3.5%
-3.5%
33
+3.5% V/V
UBSW
RatioIX
Voltage divider ratio to ADC1
VIX input range 25 V
95%FR=24.95 V
-3%
21
+3%
V/V
VIX
RatioT5V
Voltage divider ratio to ADC1
VI5V input range 5 V
95%FR=4.87 V
-3%
4.1
+3%
V/V
VI5V
RatioBG
Voltage divider ratio to ADC1
Bandgap reference ratio Design info
-3%
1.975
+3%
V/V
-
ADC1err_UBSW ADC1 total measurement error
Including all error contributions (VDD5REF
excl.) UBSW input range 42 V
(1LSB=10 mV)
-
-
144
LSB
UBSW
ADC1err_VIX
ADC1 total measurement error
Including all error contributions (VDD5REF
excl.) VIX input range 27 V (1LSB=7 mV)
-
-
110
LSB
VIX
VIX_range
VIX input range
VIX input range
0.75
25
V
VIX
ADC1err_VI5V
ADC1 total measurement error
Including all error contributions (VDD5REF
excl.) VI5V input range 5.15 V
(1LSB=1.3 mV)
-
-
80
LSB
VI5V
VI5V_range
VI5V input range
VI5V input range
0.15
-
5
V
VI5V
ADC1err_BG
ADC1 total measurement error
Including all error contributions (VDD5REF
excl.) (1LSB=0.3 mV)
-
-
100
LSB
-
RatioX
Voltage divider to VIX and VTX
VIX/VTX ratio
-2%
5.85
+2%
V/V
VIX, VTX
Ratio5V
Voltage divider to VT5V and
VT5V
VI5V/VT5V ratio
-1%
1.04
+1%
V/V VI5V, VT5V
VT5V output
Divider output impedance
-
-50%
48k
+50%
VT5V
VTX output
Divider output impedance
-
-45%
58k
+45%
VTX
VI5V input
Divider input impedance
-
-50%
97k
+50%
VI5V
VIX input
Divider input impedance
-
-45% 135k +45%
VIX
V therm
Thermal sensor voltage
Design info (-40 °C)
-
0.5
-
V
-
V therm
Thermal sensor voltage
Design info (27 °C)
-
0.65
-
V
-
V therm
Thermal sensor voltage
Design info (150 °C)
-
0.89
-
V
-
To save power consumption, the voltage dividers are switched off when the device enters SLEEP or
RST_ACTIVE mode.
When the conversion is requested on UBSW, VI5V, VIX or VBG the proper voltage divider is automatically
applied. In case the internal bandgap voltage reference is to be converted, no voltage divider is used.
L9966
Voltage dividers and internal signals
DS12459 - Rev 10
page 49/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com