Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9966 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 38Page - STMicroelectronics L9966 Datasheet HTML 39Page - STMicroelectronics L9966 Datasheet HTML 40Page - STMicroelectronics L9966 Datasheet HTML 41Page - STMicroelectronics L9966 Datasheet HTML 42Page - STMicroelectronics L9966 Datasheet HTML 43Page - STMicroelectronics L9966 Datasheet HTML 44Page - STMicroelectronics L9966 Datasheet HTML 45Page - STMicroelectronics L9966 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 122 page
background image
SPI readout
New measurement
data available
Copy command effect
No readout
Yes
Copy of buffer content (with new data)
NEW_RESULT flag set
Readout
No
Overwrite SPI register with buffer content (same data)
NEW_RESULT flag not set
Readout
Yes
Copy of buffer content (with new data)
NEW_RESULT flag set
9.2.2
Sequencer execution control
Sequencer starting phase is defined in SQNCR_CTRL register through EUx_EN or EUx_SYNC_EN bit:
•
EUx_EN = ‘1’ allows sequencer starting (see Section 9.2.3 Priority mechanism for conflict management);
EUx_EN = ‘0’ stops the correspondent EUx as soon as the running ADC conversion is completed.
•
EUx_SYNC_EN = ‘1’ allows correspondent EUx starting synchronous with the rising edge of the external
SYNC signal. In case SYNC rising edge occurs while the sequencer is running, SYNC toggle is ignored.
In case of open loop sequence, once the specific EUx is over, EUx_EN bit is automatically reset; EUx_EN bit is
otherwise always kept enabled.
Execution flows steps:
1.
The execution unit EUx is started by setting the run bit EUx_EN=’1’ (by SPI command or by SYNC).
Following steps run only if EUx_EN bit is kept to ‘1’, otherwise the correspondent EUx will stop without
asserting the INT pin to flag the end of conversion.
2.
As a first step, the EUx reads the control data on register SQNCR_CTRL.
3.
The EUx waits for the requested ADC to be available.
4.
The EUx sets the ADC according to the configuration written in the first SQNCR_CMDx being chosen.
5.
The EUx starts the ADC conversion and waits till the conversion is finished.
6.
The EUx moves the ADC data to the internal buffer result register corresponding to the pointed channel.
7.
The EUx reads the next buffer line address (SQNCR_CMDx). If the sequencer is configured to run closed
sequences, the EUx starts over with step 2, else it stops.
8.
If not masked (register SQNCR_INT_MSK_FLG), an interrupt is generated on INT pin each time a closed
sequence starts over or the ENDLOOP condition occurs (see Section 9.3 Interrupt generation).
Once running, the sequencer is not stopped abruptly. If EUx_EN are asynchronously written to zero the eventual
ADCx ongoing conversion is completed then the execution unit EUx stops with no INT assertion.
In Figure 20 a possible scenario of sequencer being controlled by the SYNC pin is shown.
1.
Before starting the sequencer, both EU1 and EU2 are configured to be triggered by the SYNC pin.
2.
As soon as the filtered SYNC pulse rising edge is detected, both EUx start.
3.
SYNC pulse occurs while both EUx are running -> SYNC toggle ignored.
4.
SYNC pulse occurs when EU1_EN has reached its ENDLOOP condition (EU1_EN=0) whereas EU2 is still
running -> EU1 starts a new loop, EU2 ignores the SYNC toggle.
5.
SYNC pulse is detected once both EUs have completed their sequence -> both start a new run.
6.
EU1 and EU2 are stopped via SPI, writing EU1_EN, EU2_EN and EU1_SYNC_EN to ‘0’. Being
EU2_SYNC_EN set, a new SYNC toggle starts EU2 only.
7.
EU1_SYNC_EN is set again: next SYNC toggle restarts EU1, while EU2 keeps on running.
L9966
Sequencer
DS12459 - Rev 10
page 42/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com