Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9966 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 35Page - STMicroelectronics L9966 Datasheet HTML 36Page - STMicroelectronics L9966 Datasheet HTML 37Page - STMicroelectronics L9966 Datasheet HTML 38Page - STMicroelectronics L9966 Datasheet HTML 39Page - STMicroelectronics L9966 Datasheet HTML 40Page - STMicroelectronics L9966 Datasheet HTML 41Page - STMicroelectronics L9966 Datasheet HTML 42Page - STMicroelectronics L9966 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
Figure 18. ADC conversion chain
GADG0801181056PS
In order to start the sequencer correctly, INIT_PC_EUx[3:0] field in SQNCR_CTRL register has to be properly
filled, for both EUx, with the first sequence lines. By default, in fact, INIT_PC_EUx[3:0] points to the ENDLOOP.
The sequencer is blocked if it starts (through SYNC signal if EUx_SYNC_EN =1 or SPI if EUx_EN=1) with
INIT_PC_EUx[3:0] = ENDLOOP.
Once the sequencer runs (EUx_EN=1) any write access to SQNCR_CTRL register is ignored, avoiding any
unpredictable operation sequence.
In case the sequencer is running, any modification in its configuration requires the sequencer to be stopped
resetting EUx_SYNC_EN and EUx_EN in SQNCR_CTRL register.
9.2.1
Sequencer channels addressing
The sequencer can use both the ADC1 for voltage measurements and ADC2 for resistance measurements.
Each input channel measurement is configurable through a dedicated register SQNCR_CMD_x [x=1:15] . The
measurement results are instead readable in the register SQNCR_RESULT_x [x=1:15]. Table 24 shows the
addresses for configuration and result lines.
For ADC1, the meaningful input channels are:
•
all the analog channels IO[12:1]
•
UBSW, VI5V and VIX pins.
For ADC2, the meaningful input channels are:
•
all the analog channels IO[12:1]
UBSW, VI5V and VIX pins can be fed into ADC2, but the results are meaningless.
L9966
Sequencer
DS12459 - Rev 10
page 39/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com