Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9966 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 37Page - STMicroelectronics L9966 Datasheet HTML 38Page - STMicroelectronics L9966 Datasheet HTML 39Page - STMicroelectronics L9966 Datasheet HTML 40Page - STMicroelectronics L9966 Datasheet HTML 41Page - STMicroelectronics L9966 Datasheet HTML 42Page - STMicroelectronics L9966 Datasheet HTML 43Page - STMicroelectronics L9966 Datasheet HTML 44Page - STMicroelectronics L9966 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
Result ADC channel x:
Sequencer results are fed into internal buffers then, before reading SQNCR_RESULT_x registers, a copy
command has to be issued.
Copy command can be issued by the two following options:
•
SPI reading access on SQNCR_RSLT_COPY_CMD register
•
SYNC pin trigger, provided that it is configured to be used for copy command operation, setting
SYNC_CMD_EN in SQNCR_CTRL register.
SPI reading access on SQNCR_RSLT_COPY_CMD register always issues a copy command even in case
SYNC_CMD_EN is set.
Buffering operation:
Figure 19. SEQUENCER flow example
GADG0801181136PS
The Figure 19 is an example of the sequencer using two EUs: EU1 has a sequence from CH1 to CH4, EU2
from CH5 to CH6. SYNC toggling has enabled the copy command. EU1 measures voltages (ADC1) while EU2
resistance (ADC2).
1.
When EU1 completes its loop, interrupt is generated (see Section 9.3 Interrupt generation).
2.
To read results, it is necessary to wait for the rising edge of SYNC filtered pulse, so that results are copied to
the SPI registers.
3.
At readout, results are read with the “new result flag”, except for the CH6 result which is not available yet.
After readout, NEW_RESULT flag is cleared.
4.
At next SYNC pulse, new results from EU1 are available. For EU2, only new result from CH6 is available,
CH5 is read with its NEW_RESULT flag cleared.
L9966 allows distinguishing whether data reported in SQNCR_RESULT_x register has been already read. In
case of voltage measurement bit SQNCR_RESULT_x[14] is set (clear on read bit). For resistance measurement,
instead, the whole content of the SQNCR_RESULT_x is reset once read.
Table 25 describes the copy command according to the availability of a new result and SPI readout operation
occurred before the copy command.
Table 25 is referenced to each sequencer line; the copy command action has effect on all the 15 internal buffer
result registers at the same time. Nonetheless, the NEW_RESULT flag is handled for each result individually, as
the SPI readout operation is individual for each line.
Table 25. Copy CMD effect
SPI readout
New measurement
data available
Copy command effect
No readout
No
Overwrite SPI register with buffer content (same data)
NEW_RESULT flag set
L9966
Sequencer
DS12459 - Rev 10
page 41/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com