Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9966 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics L9966 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
6
Current Sources
The FlexInput is equipped with a set of programmable and configurable current sources that can pull up or pull
down the input line.
The pull up current sources can pull up the input line to three different levels:
VPRE, the internal clamped high voltage rail
5V_REF, the internal generated 5 V rail
VVAR, the internal generated and programmable variable voltage level
The strength of the current and the voltage limit (pull up only) can be configured by register CURR_SRC_CTRL_x
for the channel configuration and DWT_VOLT_SRC_LSF_CTRL for VVAR output voltage setting.
The current sources can be controlled in order to configure a dewetting function. Both dewetting current and
actuation time are selectable via SPI; dewetting time (DWT[2:0] bit of DWT_VOLT_SRC_LSF_CTRL register)
is shared among the channels while current value setting (CV_DW_1, CV_DW_0 bit of CURR_SRC_CTRL_x
registers) is specific for each one.
The dewetting function is disabled by default. If enabled, the dewetting function is triggered according to the
following conditions, see Figure 12:
If IO_x is configured as pull up, then a falling edge on IO_x detected by the comparator will start dewetting.
If IO_x is configured as pull down, then a rising edge on IO_x detected by the comparator will start
dewetting.
Figure 12. Dewetting activation
GADG0501181049PS
After that the configured dewetting time is expired, the current turns back to the value defined in the
CURR_SRC_CTRL_x registers bit CV[2:0].
L9966
Current Sources
DS12459 - Rev 10
page 21/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com