Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9966 Datasheet(PDF) 115 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 111Page - STMicroelectronics L9966 Datasheet HTML 112Page - STMicroelectronics L9966 Datasheet HTML 113Page - STMicroelectronics L9966 Datasheet HTML 114Page - STMicroelectronics L9966 Datasheet HTML 115Page - STMicroelectronics L9966 Datasheet HTML 116Page - STMicroelectronics L9966 Datasheet HTML 117Page - STMicroelectronics L9966 Datasheet HTML 118Page - STMicroelectronics L9966 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 122 page
background image
Contents
1
Block diagram .....................................................................2
2
Pin description ....................................................................3
3
Application circuit .................................................................6
4
Input structure.....................................................................8
5
Device operation ..................................................................9
5.1
Absolute maximum rating........................................................ 9
5.2
Latch-up trials ................................................................. 9
5.3
ESD trials .................................................................... 10
5.4
Operating voltage ranges....................................................... 10
5.5
Temperature ranges and thermal data ............................................ 11
5.6
Operating modes.............................................................. 12
5.6.1
Software reset.......................................................... 16
5.7
Chip status ................................................................... 16
5.8
Polling operation: WAKE and SLEEP modes ...................................... 17
5.9
SLEEP mode ................................................................. 19
6
Current Sources ..................................................................21
6.1
Pull-down current programming ................................................. 22
6.2
Pull-up current programming .................................................... 23
6.3
Control of current source ....................................................... 26
6.4
Binary Lambda mode .......................................................... 28
6.4.1
Active discharge ........................................................ 29
7
Multiplexing switches.............................................................32
7.1
Channels routing to SENTx_GTMx output buffers .................................. 32
8
ADC converter....................................................................33
8.1
ADC1: voltage measurement.................................................... 33
8.2
ADC2: resistance measurement ................................................. 36
9
Measurement approaches ........................................................38
9.1
Single conversion (SC)......................................................... 38
9.2
Sequencer ................................................................... 38
L9966
Contents
DS12459 - Rev 10
page 115/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com