Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 56Page - STMicroelectronics L99ASC03G Datasheet HTML 57Page - STMicroelectronics L99ASC03G Datasheet HTML 58Page - STMicroelectronics L99ASC03G Datasheet HTML 59Page - STMicroelectronics L99ASC03G Datasheet HTML 60Page - STMicroelectronics L99ASC03G Datasheet HTML 61Page - STMicroelectronics L99ASC03G Datasheet HTML 62Page - STMicroelectronics L99ASC03G Datasheet HTML 63Page - STMicroelectronics L99ASC03G Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
ST-SPI Protocol
L99ASC03G
60/70
DocID029080 Rev 2
4.4.7
Device Control Register 6
Device Control Register 6
Address:
0x6
Type:
R/W
7
6543210
Bit name
GCSA(1)
GCSA(0)
OCSHUTD
OCADC(4)
OCADC(3)
OCADC(2)
OCADC(1)
OCADC(0)
Default values
0
0100000
Bit Bit description
[7:6] GCSA: CSA gain
00: 20
01: 30
10: 70
11: 100
[5] OCSHUTD: overcurrent shutdown
0: gate drivers are not deactivated in case of overcurrent (global warning reported)
1: gate drivers are deactivated in case of overcurrent (functional error reported)
[4:0] OCADC: overcurrent threshold
00000: OFF
00001: 150 mV
00010: 220mV
00011: 300mV
00100: 370 mV
00101: 440 mV
00110: 520 mV
00111: 590 mV
01000: 660 mV
01001: 740 mV
01010: 800 mV
01011: 880 mV
01100: 960 mV
01101: 1.03 V
01110: 1.1 V
01111: 1.18 V
10000: 1.25 V
10001: 1.32 V
10010: 1.39 V
10011: 1.47 V
10100: 1.54 V
10101: 1.61 V
10110: 1.68 V
10111: 1.76 V
11000: 1.84 V
11001: 1.9 V
11010: 1.98 V
11011: 2.05 V
11100: 2.13 V
11101: 2.2 V
11110: 2.28 V
11111: 2.35 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com