Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 27Page - STMicroelectronics L99ASC03G Datasheet HTML 28Page - STMicroelectronics L99ASC03G Datasheet HTML 29Page - STMicroelectronics L99ASC03G Datasheet HTML 30Page - STMicroelectronics L99ASC03G Datasheet HTML 31Page - STMicroelectronics L99ASC03G Datasheet HTML 32Page - STMicroelectronics L99ASC03G Datasheet HTML 33Page - STMicroelectronics L99ASC03G Datasheet HTML 34Page - STMicroelectronics L99ASC03G Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
DocID029080 Rev 2
31/70
L99ASC03G
Electrical specifications
69
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
All maximum ratings are absolute ratings. Exceeding any of these values may cause an
irreversible damage of the integrated circuit!
3.2
Operating range
Table 7. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VSREG
Voltage regulator power supply voltage
-0.3 to 40
V
VS
Charge pump power supply voltage
-0.3 to 40
V
VSMS
Sensed motor supply voltage
-5 to 40(1)
1. -7 V for < 1.5 µs transients
V
VDD
Stabilized supply voltage
-0.3 to 6
V
VIHX, VILX
Gate driver control voltage range
-0.3 to VDD
V
VSLX, VSHX
Source signal voltage range
-5 to 40(1)
V
VGLX
Gate signal voltage range
-5 to VSLX + 15(1)
V
VGHX
-5 to VSHX + 15(1)
V
VCSIP, VCSIN
Current sense amplifier input voltage range
-5 to VDD(1)
V
VCSO, VAOUT
Current sense amplifier output voltage range;
analog output MUX
-0.3 to VDD
V
VCP1-, VCP2-
HV signal range
-0.3 to VS
V
VCP1+, VCP2+,
VCP
HV signal range
VS - 0.3 to VS + 17
V
VSDI, VSCK,
VSDO
SPI logic I/O voltage range
-0.3 to VDD
V
VTXD, VRXD/NINT,
VDIS, VNRESET,
VDOUT, VBEMF,
VCSN
Logic I/O voltage range
-0.3 to VDD
V
VINH
High Voltage Logic I/O voltage range
-0.3 to 40
V
VBC
High Voltage Logic I/O voltage range
-0.3 to 20
V
Table 8. Operating range
Symbol
Parameter
Value
Unit
VSREG
Voltage regulator power supply voltage
6 to 28
V
VS
Charge pump power supply voltage
6 to 28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com