Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 23Page - STMicroelectronics L99ASC03G Datasheet HTML 24Page - STMicroelectronics L99ASC03G Datasheet HTML 25Page - STMicroelectronics L99ASC03G Datasheet HTML 26Page - STMicroelectronics L99ASC03G Datasheet HTML 27Page - STMicroelectronics L99ASC03G Datasheet HTML 28Page - STMicroelectronics L99ASC03G Datasheet HTML 29Page - STMicroelectronics L99ASC03G Datasheet HTML 30Page - STMicroelectronics L99ASC03G Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
DocID029080 Rev 2
27/70
L99ASC03G
Device description
69
Input supply
VS undervoltage
(VS <VSUV)
DE (DE = 1 in the
GSB)
VSUV =1
None
Read & Clear
VSUV
VS overvoltage
(VS >VSOV)
DE (DE = 1 in the
GSB)
VSOV =1
Gate drivers actively
discharged; charge
pump disabled
Read & Clear
VSOV
VSMS overvoltage
(VSMS >VSMSOV)
DE (DE = 1 in the
GSB)
VSMSOV =1
Gate drivers actively
discharged; charge
pump disabled
Read & Clear
VSMSOV
VSREG or VSMS
undervoltage
(VSREG <VSREGUV
or VSMS <VSMSUV)
GW (GW = 1 in
the GSB)
VSREGUV =1 or
VSMSUV =1
None
Read & Clear
VSREGUV or
VSMSUV
VSREG overvoltage
(VSREG >VSREGOV)
GW (GW = 1 in
the GSB)
VSREGOV =1
None
Read & Clear
VSREGOV
VS, VSREG or VSMS
overvoltage
warning
GW (GW = 1 in
the GSB)
VSOVW =1 or
VSREGOVW =1
or VSMSOVW =1
None
Read & Clear
VSOVW,
VSREGOVW or
VSMSOVW
DIS pin
DIS pin at logic high
FE (FE = 1 in the
GSB)
DISABLE = 1
Gate drivers actively
discharged
Read & Clear
DISABLE
CSA
Overcurrent
–GW (GW = 1 in
the GSB) if
OCSHUTD = 0
–FE (FE = 1 in
the GSB) if
OCSHUTD = 1
CSAOC = 1
Gate drivers actively
discharged if
OCSHUTD = 1
Read & Clear
CSAOC
Gate drivers
Drain-source
monitor threshold
– GW (GW=1 in
the GSB) if
DSFT_DIS=1
– FE (FE=1 in
the GSB) if
DSFT_DIS=0
DSLS(x) = 1 or
DSHS(x) = 1
Affected gate driver
actively discharged if
DSFT_DIS = 0
Read & Clear
DSLS(x) or
DSHS(x)
Shoot-through
protection activated
FE (FE = 1 in the
GSB)
ST(x) = 1
Affected half-bridge
actively discharged
Read & Clear
ST(x)
Table 5. Diagnostics overview (continued)
Source
Cause
Event type
Diagnosis
Device action
Clear error /
warning flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com