Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03G Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 30Page - STMicroelectronics L99ASC03G Datasheet HTML 31Page - STMicroelectronics L99ASC03G Datasheet HTML 32Page - STMicroelectronics L99ASC03G Datasheet HTML 33Page - STMicroelectronics L99ASC03G Datasheet HTML 34Page - STMicroelectronics L99ASC03G Datasheet HTML 35Page - STMicroelectronics L99ASC03G Datasheet HTML 36Page - STMicroelectronics L99ASC03G Datasheet HTML 37Page - STMicroelectronics L99ASC03G Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Electrical specifications
L99ASC03G
34/70
DocID029080 Rev 2
Table 13. Power-on RESET (VSREG)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPORSREG,rising
Threshold (VSREG increasing)
All outputs open
4.5
V
VPORSREG,falling
Threshold (VSREG decreasing)
All outputs open
3
4
V
VPORSREG,hyst
Hysteresis
All outputs open
0.3
V
Table 14. Voltage regulator VDD
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Output voltage
Iload = 0mA to 200mA
6V <Vs < 18 V
-40°C < Tj < 150°C
4.865
5.0
5.1
V
tSST(1)
Startup settling time from VDD
standby to Active mode (no
NRES)
20 µA to 50 mA;
VDD ±2%; CEXT =47 µF;
dI/dt = 50 mA/µs
250
µs
20 µA to 100 mA;
VDD ± 2.5%; CEXT =47µF;
dI/dt = 100 mA/µs
130
µs
VDP
Drop-out Voltage
ILOAD =50 mA; VSREG =4.5 V
0.2
0.4
V
ILOAD = 100 mA; VSREG =4.5 V
0.3
0.5
V
IDD
Output current in active mode Max. continuous load current
200
mA
IDDinrush(1)
Inrush current capability
VSREG > 6 V; VDD >VRT2;
CEXT  4.7 µF
200
mA
IDDpeak
Peak output current
VSREG >6V; VDD >VRT2
300
mA
IDDshort
Short circuit output current
Current limitation
300
600
950
mA
tTSD
VDD deactivation time after
thermal shutdown
0.8
1.0
1.5
s
ICMPRISE
Current comparator rising
threshold
Rising current
3.6
4.6
mA
ICMPFALL
Current comparator falling
threshold
Falling current
2.0
3.4
mA
ICMPH
Current comparator hysteresis
0.2
mA
VDDFAIL
VDD fail threshold
VDD short to ground during
startup
1.8
2
2.2
V
tVDDFAIL
VDD short to ground detection
time
VDD short to ground during
startup
3.4
4.0
7.0
ms
dVDD/dt
dVDD/dt at regulator turn-on
CCER = 680 nF; CELE =47 µF;
I(VDD) = 10 mA. Slope from
0.5 V to 1 V and slope from 1 V
to 0.9 * VDD.
If current limitation is reached,
the slope is controlled by the
current limitation and output
capacitor.
330
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com